Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 78 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 78 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 74Page - Lattice Semiconductor LFSC Datasheet HTML 75Page - Lattice Semiconductor LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor LFSC Datasheet HTML 78Page - Lattice Semiconductor LFSC Datasheet HTML 79Page - Lattice Semiconductor LFSC Datasheet HTML 80Page - Lattice Semiconductor LFSC Datasheet HTML 81Page - Lattice Semiconductor LFSC Datasheet HTML 82Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 237 page
background image
4-4
Pinout Information
Lattice Semiconductor
LatticeSC/M Family Data Sheet
D[n:0]
I/O
In parallel configuration modes, D[7:0] receives configuration data,
and each pin is pull-up enabled. For slave serial mode, D0 is the data
input.
D[7:3] is the output internal status for peripheral mode when RDN is
low.
D[7:0] is also the first byte of MPI data pins.
In MPI configuration mode, MPI selectable data bus width from 8 and
16-bit. Driven by a bus master in a write transaction. Driven by MPI in
a read transaction.
DP[m:0]
I/O
MPI selectable parity data bus width from 1, 2, and 3-bit DP[0] for
D[7:0], DP[1] for D[15:8], and DP[2] for D[23:16].
BUSYN/RCLK/SCK
O
During configuration in peripheral mode, high on BUSYN indicates
another byte can be written to the FPGA. If a read operation is done
when the device is selected, the same status is also available on D[7]
in asynchronous peripheral mode.
During configuration in slave parallel mode, low on BUSYN inhibits the
external host from sending new data. The output is used by slave par-
allel and master serial modes only for decompression.
During configuration in master parallel and master byte modes, RCLK
is a read clock output signal to an external memory. The RCLK fre-
quency is the same as CCLK when used with uncompressed bit-
streams. RCLK will be 1/8 the frequency of CCLK when the bitstream
is compressed.
During configuration in SPI modes, SCK is generated by the device
and connected to the CLK input of the FLASH memory.
MPI Interface (Dedicated pin)
MPI_IRQ_N
O
MPI Interrupt request active low signal is controlled by system bus
interrupt controller and may be sourced from any bus error or MPI con-
figuration error. It can be connected to one of MPC860 IRQ pins.
MPI Interface (User I/O if MPI is not used.)
MPI_CS0N MPI_CS1
I
MPI chip select pins, active low on MPI_CS0N while active high on
MPI_CS1. Both have to be active during the whole transfer data
phase. During transfer address phase, both can be inactive so that the
decoding for them from address can be slow. If they are active during
address phase, one cycle can be saved for sync read.
MPI_CLK
I
This is the PowerPC bus clock. It can be a source of the clock for
embedded system bus. If MPI_CLK is used as system bus clock, MPI
will be set into sync mode by default. All of the operation on PowerPC
side of MPI are synchronized to the rising edge of this clock.
MPI_TSIZ[1:0]
I
Driven by a bus master to indicate the data transfer size for the trans-
action. 01 for byte, 10 for half-word, and 00 for word.
MPI_WR_N
I
Driven high indicates that a read access is in progress. Driven low
indicates that a write access is in process.
MPI_BURST
I
Driven active low indicates that a burst transfer is in progress. Driven
high indicates that the current transfer is not a burst.
MPI_BDIP
I
Active low “Burst Data in Process” is driven by a PowerPC processor.
Asserted indicates that the second beat in front of the current one is
requested by the master. Negated before the burst transfer ends to
abort the burst data phase.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com