Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 62 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 62 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 58Page - Lattice Semiconductor LFSC Datasheet HTML 59Page - Lattice Semiconductor LFSC Datasheet HTML 60Page - Lattice Semiconductor LFSC Datasheet HTML 61Page - Lattice Semiconductor LFSC Datasheet HTML 62Page - Lattice Semiconductor LFSC Datasheet HTML 63Page - Lattice Semiconductor LFSC Datasheet HTML 64Page - Lattice Semiconductor LFSC Datasheet HTML 65Page - Lattice Semiconductor LFSC Datasheet HTML 66Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 237 page
background image
3-18
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
EBR Timing
tCO_EBR
CK_Q_DEL
Clock (Read) to output from Address
or Data
—
1.900
—
2.116
—
2.335
ns
tCOO_EBR
CK_Q_DEL
Clock (Write) to output from EBR
output Register
0.390
—
0.444
—
0.498
—
ns
tSUDATA_EBR D_CK_SET
Setup Data to EBR Memory (Write
clk)
-0.173
—
-0.192
—
-0.210
—
ns
tHDATA_EBR
D_CK_HLD
Hold Data to EBR Memory (Write clk) 0.276
—
0.305
—
0.335
—
ns
tSUADDR_EBR A_CK_SET
Setup Address to EBR Memory
(Write clk)
-0.165
—
-0.182
—
-0.200
—
ns
tHADDR_EBR
A_CK_HLD
Hold Address to EBR Memory (Write
clk)
0.269
—
0.298
—
0.327
—
ns
tSUWREN_EBR CE_CK_SET
Setup Write/Read Enable to EBR
Memory (Write/Read clk)
0.225
—
0.226
—
0.226
—
ns
tHWREN_EBR CE_CK_HLD
Hold Write/Read Enable to EBR
Memory (write/read clk)
0.073
—
0.095
—
0.116
—
ns
tSUCE_EBR
CS_CK_SET
Clock Enable Setup Time to EBR
Output Register (Read clk)
0.261
—
0.269
—
0.276
—
ns
tHCE_EBR
CS_CK_HLD
Clock Enable Hold Time to EBR Out-
put Register (Read clk)
0.023
—
0.039
—
0.055
—
ns
tRSTO_EBR
RESET_Q_DEL
Reset To Output Delay Time from
EBR Output Register (asynchronous)
—
0.589
—
0.673
—
0.757
ns
Cycle Boosting Timing
tDEL1
DEL1
Cycle boosting delay 1 applies to
PIO, PFU, EBR
—
0.480
—
0.524
—
0.570
ns
tDEL2
DEL2
Cycle boosting delay 2 applies to
PIO, PFU, EBR
—
0.922
—
1.005
—
1.090
ns
tDEL3
DEL3
Cycle boosting delay 3 applies to
PIO, PFU, EBR
—
1.366
—
1.488
—
1.612
ns
1. Complete timing parameters for a user design will be incorporated when running ispLEVER. This is a sampling of the key timing parameters.
LatticeSC/M Internal Timing Parameters
1 (Continued)
Over Recommended Commercial Operating Conditions at VCC = 1.2V +/- 5%
Parameter
Symbol
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com