Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 55Page - Lattice Semiconductor LFSC Datasheet HTML 56Page - Lattice Semiconductor LFSC Datasheet HTML 57Page - Lattice Semiconductor LFSC Datasheet HTML 58Page - Lattice Semiconductor LFSC Datasheet HTML 59Page - Lattice Semiconductor LFSC Datasheet HTML 60Page - Lattice Semiconductor LFSC Datasheet HTML 61Page - Lattice Semiconductor LFSC Datasheet HTML 62Page - Lattice Semiconductor LFSC Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 237 page
background image
3-15
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
AGP2X33
AGP-2X
-0.036
-0.061
-0.181
-0.313
-0.326
-0.565
ns
GTLPLUS15
GTLPLUS15
-0.013
-0.017
0.012
0.004
0.037
0.024
ns
GTL12
GTL12
-0.063
-0.071
-0.007
-0.048
0.056
-0.032
ns
Output Adjusters
LVDS
LVDS
0.708
0.854
0.856
1.021
1.005
1.189
ns
RSDS
RSDS
0.708
0.854
0.856
1.021
1.005
1.189
ns
BLVDS25
BLVDS
-0.129
0.05
-0.136
0.069
-0.136
0.083
ns
MLVDS25
MLVDS
-0.059
0.059
-0.057
0.096
-0.054
0.133
ns
LVPECL33
LVPECL
-0.334
-0.181
-0.325
-1.389
-0.315
-2.598
ns
HYPT
Hypertransport
0.677
0.854
0.83
1.027
0.984
1.201
ns
HSTL18_I
HSTL_18 class I
0.132
0.209
0.153
0.24
0.175
0.272
ns
HSTL18_II
HSTL_18 class II
0.24
0.176
0.268
0.255
0.298
0.333
ns
HSTL18D_I
Differential HSTL 18 class I
0.132
0.209
0.153
0.24
0.175
0.272
ns
HSTL18D_II
Differential HSTL 18 class II
0.24
0.176
0.268
0.255
0.298
0.333
ns
HSTL15_I
HSTL_15 class I
0.096
0.172
0.112
0.198
0.129
0.224
ns
HSTL15_II
HSTL_15 class II
0.208
0.131
0.233
0.203
0.259
0.275
ns
HSTL15D_I
Differential HSTL 15 class I
0.096
0.172
0.112
0.198
0.129
0.224
ns
HSTL15D_II
Differential HSTL 15 class II
0.208
0.131
0.233
0.203
0.259
0.275
ns
SSTL33_I
SSTL_3 class I
0.133
0.177
0.11
0.166
0.088
0.154
ns
SSTL33_II
SSTL_3 class II
0.173
0.247
0.164
0.253
0.156
0.258
ns
SSTL33D_I
Differential SSTL_3 class I
0.133
0.177
0.11
0.166
0.088
0.154
ns
SSTL33D_II
Differential SSTL_3 class II
0.173
0.247
0.164
0.253
0.156
0.258
ns
SSTL25_I
SSTL_2 class I
0.215
0.125
0.239
0.228
0.264
0.331
ns
SSTL25_II
SSTL_2 class II
0.277
0.181
0.311
0.284
0.345
0.387
ns
SSTL25D_I
Differential SSTL_2 class I
0.215
0.125
0.239
0.228
0.264
0.331
ns
SSTL25D_II
Differential SSTL_2 class II
0.277
0.181
0.311
0.284
0.345
0.387
ns
SSTL18_I
SSTL_2 class I
0.16
0.081
0.179
0.173
0.199
0.265
ns
SSTL18_II
SSTL_2 class II
0.238
0.15
0.263
0.244
0.295
0.338
ns
SSTL18D_I
Differential SSTL_2 class I
0.16
0.081
0.179
0.173
0.199
0.265
ns
SSTL18D_II
Differential SSTL_2 class II
0.238
0.15
0.263
0.244
0.295
0.338
ns
LVTTL33_8mA
LVTTL 8mA drive
-0.346
-0.165
-0.496
-0.296
-0.646
-0.428
ns
LVTTL33_16mA
LVTTL 16mA drive
-0.11
-0.18
-0.218
-0.32
-0.325
-0.46
ns
LVTTL33_24mA
LVTTL 24mA drive
-0.012
-0.18
-0.099
-0.321
-0.185
-0.463
ns
LVCMOS33_8mA
LVCMOS 3.3 8mA drive
-0.346
-0.165
-0.496
-0.296
-0.646
-0.428
ns
LVCMOS33_16mA
LVCMOS 3.3 16mA drive
-0.11
-0.18
-0.218
-0.32
-0.325
-0.46
ns
LVCMOS33_24mA
LVCMOS 3.3 24mA drive
-0.012
-0.18
-0.099
-0.321
-0.185
-0.463
ns
LVCMOS25_4mA
LVCMOS 2.5 4mA drive
-0.174
0.004
-0.195
0.002
-0.215
0
ns
LVCMOS25_8mA
LVCMOS 2.5 8mA drive
000000
ns
LVCMOS25_12mA
LVCMOS 2.5 12mA drive
0.094
-0.025
0.107
0.096
0.12
0.216
ns
LVCMOS25_16mA
LVCMOS 2.5 16mA drive
0.145
-0.054
0.162
0.063
0.181
0.179
ns
LVCMOS25_OD
LVCMOS 2.5 open drain
0.073
-0.125
0.081
-0.081
0.091
-0.09
ns
LatticeSC/M Family Timing Adders (Continued)
Over Recommended Operating Conditions at VCC = 1.2V +/- 5%
Buffer Type
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com