Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 77 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 77 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 73Page - Lattice Semiconductor LFSC Datasheet HTML 74Page - Lattice Semiconductor LFSC Datasheet HTML 75Page - Lattice Semiconductor LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor LFSC Datasheet HTML 78Page - Lattice Semiconductor LFSC Datasheet HTML 79Page - Lattice Semiconductor LFSC Datasheet HTML 80Page - Lattice Semiconductor LFSC Datasheet HTML 81Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 237 page
background image
4-3
Pinout Information
Lattice Semiconductor
LatticeSC/M Family Data Sheet
RESETN
Reset. (Also sent to general routing). During configuration it resets the
configuration state machine. After configuration this pin can perform
the global set/reset (GSR) functions or can be used as a general input
pin.
CFGIRQN
O
MPI Interrupt request active low signal is controlled by system bus
interrupt controller and may be sourced from any bus error or MPI con-
figuration error. It can be connected to one of MPC860 IRQ pins.
TSALLN
I
Tristates all I/O.
Configuration Pads (User I/O if not used. Used during sysCONFIG.)
HDC/SI
O
High During Configuration is output high until configuration is com-
plete. It is used as a control output, indicating that configuration is not
complete.
For SPI modes, this pin is used to download the read command and
initial read address into the Flash memory device on the falling edge
of SCK. This pin will be connected to SI of the memory. If the SPI
mode is used, the 8-bit instruction code 0x03 will be downloaded fol-
lowed by a 24-bit starting address of 0x000000 or a non-zero stat
address for partial reconfiguration. If the SPIX mode has been
selected, the 8-bit instruction captured on D[7:0] at power-up will be
shifted in and followed by a 32-bit starting address of 0x000000.
LDCN/SCS
O
Low During Configuration is output low until configuration is complete.
It is used as a control output, indicating that configuration is not com-
plete.
For SPI modes, this is an active low chip select for Flash memories. It
will go active after INITN goes high but before SCK begins. During
power up LDCN will be low. Once INITN goes high, LDCN will go high
for 100ns-200ns after which time it will go back low and configuration
can begin. During the 100ns-200ns period, the read instruction will be
latched for SPIX mode.
DOUT
O
Serial data output that can drive the D0/DIN of daisy-chained slave
devices. The data-stream from this output will propagate preamble bits
of the bitstream to daisy-chained devices. Data out on DOUT changes
on the rising edge of CCLK.
QOUT/CEON
O
During daisy-chaining configuration, QOUT is the serial data output
that can drive the D0/DIN of daisy-chained slave devices that do not
propagate preamble bits. Data out on QOUT changes on the rising
edge of CCLK.
During parallel-chaining configuration, active low CEON enables the
cascaded slave device to receive bitstream data.
RDN
I
Used in the asynchronous peripheral configuration mode. A low on
RDN changes D[7:3] into status outputs. WRN and RDN should not be
used simultaneously. If they are, the write strobe overrides.
WRN
I
When the FPGA is selected, a low on the write strobe, WRN, loads the
data on D[7:0] inputs into an internal data buffer.
CS0N CS1
I
Used in the asynchronous peripheral, slave parallel and MPI modes.
The FPGA is selected when CS0N is low and CS1 is high. During con-
figuration, a pull-up is enabled on both except with MPI DMA access
control.
A[21:0]
I/O
In master parallel mode, A[21:0] is an output and will address the con-
figuration EPROMs up to 4 MB space. For MPI configuration mode,
A[17:0] will be the MPI address MPI_ADDR[31:14], A[19:18] will be
the transfer size and A[21:20] will be the burst mode and burst in pro-
cess.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com