Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 41Page - Lattice Semiconductor LFSC Datasheet HTML 42Page - Lattice Semiconductor LFSC Datasheet HTML 43Page - Lattice Semiconductor LFSC Datasheet HTML 44Page - Lattice Semiconductor LFSC Datasheet HTML 45Page - Lattice Semiconductor LFSC Datasheet HTML 46Page - Lattice Semiconductor LFSC Datasheet HTML 47Page - Lattice Semiconductor LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 237 page
background image
June 2008
Data Sheet DS1004
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
3-1
DS1004 DC and Switching_01.9
Absolute Maximum Ratings
Supply Voltage VCC, VCC12, VDDIB, VDDOB . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 1.6V
Supply Voltage VCCAUX, VDDAX25, VTT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.75V
Supply Voltage VCCJ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 3.6V
Supply Voltage VCCIO (Banks 1, 4, 5). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 3.6V
Supply Voltage VCCIO (Banks 2, 3, 6, 7). . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.75V
Input or I/O Tristate Voltage Applied (Banks 1, 4, 5) . . . . . . . . . . . . . . . . . . . -0.5 to 3.6V
Input or I/O Tristate Voltage Applied (Banks 2, 3, 6, 7) . . . . . . . . . . . . . . . . -0.5 to 2.75V
Storage Temperature (Ambient) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C
Junction Temperature Under Bias (Tj) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Notes:
1. Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
2. Compliance with the Lattice Thermal Management document is required.
3. All voltages referenced to GND.
4. Undershoot and overshoot of -2V to (VIHMAX +2) volts is permitted for a duration of <20ns.
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Units
VCC
5
Core Supply Voltage (Nominal 1.2V Operation)
0.95
1.26
V
VCCAUX
6
Programmable I/O Auxiliary Supply Voltage
2.375
2.625
V
VCCIO
1, 2, 5, 6
Programmable I/O Driver Supply Voltage (Banks 1, 4, 5)
1.14
3.45
V
VCCIO
1, 2, 5, 6
Programmable I/O Driver Supply Voltage (Banks 2, 3, 6, 7)
1.14
2.625
V
VCC12
4, 5
Internal 1.2V Power Supply Voltage for Configuration Logic and
FPGA PLL, SERDES PLL Power Supply Voltage and SERDES
Analog Supply Voltage
1.14
1.26
V
VDDIB
SERDES Input Buffer Supply Voltage
1.14
1.575
V
VDDOB
SERDES Output Buffer Supply Voltage
1.14
1.575
V
VDDAX25
SERDES Termination Auxiliary Supply Voltage
2.375
2.625
V
VCCJ
1, 5
Supply Voltage for IEEE 1149.1 Test Access Port
1.71
3.45
V
VTT
2, 3
Programmable I/O Termination Power Supply
0.5
VCCAUX - 0.5
V
tJCOM
Junction Temperature, Commercial Operation
0
+85
C
tJIND
Junction Temperature, Industrial Operation
-40
105
C
1. If VCCIO or VCCJ is set to 2.5V, they must be connected to the same power supply as VCCAUX.
2. See recommended voltages by I/O standard in subsequent table.
3. When VTT termination is not required, or used to provide the common mode termination voltage (VCMT), these pins can be left unconnected
on the device.
4. VCC12 cannot be lower than VCC at any time. For 1.2V operation, it is recommended that the VCC and VCC12 supplies be tied together with
proper noise decoupling between the digital VCC and analog VCC12 supplies.
5. VCC, VCCIO (all banks), VCC12 and VCCJ must reach their minimum values before configuration will proceed.
6. If VCCIO for a bank is nominally 1.2V/1.5V/1.8V, then VCCAUX must always be higher than VCCIO during power up.
LatticeSC/M Family Data Sheet
DC and Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com