Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 23Page - Lattice Semiconductor LFSC Datasheet HTML 24Page - Lattice Semiconductor LFSC Datasheet HTML 25Page - Lattice Semiconductor LFSC Datasheet HTML 26Page - Lattice Semiconductor LFSC Datasheet HTML 27Page - Lattice Semiconductor LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor LFSC Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 237 page
background image
2-23
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Table 2-6. Input/Output/Tristate Gearing Resource Rules
Control Logic Block
The control logic block allows the modification of control signals selected by the routing before they are used in the
PIO. It can optionally invert all signals passing through it except the Global Set/Reset. Global Set/Reset can be
enabled or disabled. It can route either the edge clock or the clock to the high-speed clock nets. The clock provided
to the PIO by routing is used as the slow-speed clocks. In addition this block contains delays that can be inserted in
the clock nets to enable Lattice’s unique cycle boosting capability.
Update Block
The update block is used to generate the POS update and NEG update signals used by the DDR/Shift register
blocks within the PIO. Note the update block is only required in shift modes. This is required in order to do the high
speed to low speed handoff. One of these update signals is also selected and output from the PIC as the signal
UPDATE. It consists of a shift chain that operates off either the high-speed input or output clock. The values of each
register in the chain are set or reset depending on the desired mode of operation. The set/reset signal is generated
from either the edge reset ELSR or the local reset LSR. These signals are optionally inverted by the Control Logic
Block and provided to the update block as ELSRUP and LSRUP. The Lattice design tools automatically configure
and connect the update block when one of the DDR or shift register primitives is used.
Figure 2-25. Update Block
PURESPEED I/O Buffer
Each I/O is associated with a flexible buffer referred to as PURESPEED I/O buffer. These buffers are arranged
around the periphery of the device in seven groups referred to as Banks. The PURESPEED I/O buffers allow users
to implement the wide variety of standards that are found in today’s systems including LVCMOS, SSTL, HSTL,
LVDS and LVPECL. The availability of programmable on-chip termination for both input and output use, further
enhances the utility of these buffers.
PIO
Input/Output Logic
Tri-State/Bidi
x1
x2
x4
x1
x2/x4
A
✓✓✓✓
N/A
B
✓
No I/O Logic No I/O Logic
✓
N/A
C
✓✓
No I/O Logic
✓
N/A
D
✓
No I/O Logic No I/O Logic
✓
N/A
Note: Pin can still be used without I/O logic.
POS Update
NEG Update
HCLKUP
ESLRUP
LSRUP
LCLKUP
UPDATE
÷1/2/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com