Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 73 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 73 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 69Page - Lattice Semiconductor LFSC Datasheet HTML 70Page - Lattice Semiconductor LFSC Datasheet HTML 71Page - Lattice Semiconductor LFSC Datasheet HTML 72Page - Lattice Semiconductor LFSC Datasheet HTML 73Page - Lattice Semiconductor LFSC Datasheet HTML 74Page - Lattice Semiconductor LFSC Datasheet HTML 75Page - Lattice Semiconductor LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 237 page
background image
3-29
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
JTAG Port Timing Specifications
Over Recommended Operating Conditions
Figure 3-14. JTAG Port Timing Waveforms
Symbol
Parameter
Min.
Max.
Units
fMAX
—
25
MHz
tBTCP
TCK [BSCAN] Clock Pulse Width
40
—
ns
tBTCPH
TCK [BSCAN] Clock Pulse Width High
50
—
mV/ns
tBTCPL
TCK [BSCAN] Clock Pulse Width Low
—
10
ns
tBTS
TCK [BSCAN] Setup Time
—
10
ns
tBTH
TCK [BSCAN] Hold Time
8
—
ns
tBTRF
TCK [BSCAN] Rise/Fall Time
10
—
ns
tBTCO
TAP Controller Falling Edge of Clock to Valid Output
20
—
ns
tBTCODIS
TAP Controller Falling Edge of Clock to Valid Disable
20
—
ns
tBTCOEN
TAP Controller Falling Edge of Clock to Valid Enable
—
10
ns
tBTCRS
BSCAN Test Capture Register Setup Time
8
—
ns
tBTCRH
BSCAN Test Capture Register Hold Time
10
—
ns
tBUTCO
BSCAN Test Update Register, Falling Edge of Clock
to Valid Output
—25
ns
tBTUODIS
BSCAN Test Update Register, Falling Edge of Clock
to Valid Disable
—25
ns
tBTUPOEN
BSCAN Test Update Register, Falling Edge of Clock
to Valid Enable
—25
ns
TMS
TDI
TCK
TDO
Data to be
captured
from I/O
Data to be
driven out
to I/O
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
Data Captured
tBTCPH
tBTCPL
tBTCOEN
tBTCRS
tBTUPOEN
tBUTCO
tBTUODIS
tBTCRH
tBTCO
tBTCODIS
tBTS
tBTH
tBTCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com