Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 14Page - Lattice Semiconductor LFSC Datasheet HTML 15Page - Lattice Semiconductor LFSC Datasheet HTML 16Page - Lattice Semiconductor LFSC Datasheet HTML 17Page - Lattice Semiconductor LFSC Datasheet HTML 18Page - Lattice Semiconductor LFSC Datasheet HTML 19Page - Lattice Semiconductor LFSC Datasheet HTML 20Page - Lattice Semiconductor LFSC Datasheet HTML 21Page - Lattice Semiconductor LFSC Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 237 page
background image
2-14
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Table 2-5. sysMEM Block Configurations
Bus Size Matching
All of the multi-port memory modes support different widths on each of the ports. The RAM bits are mapped LSB
word 0 to MSB word 0, LSB word 1 to MSB word 1 and so on. Although the word size and number of words for
each port varies, this mapping scheme applies to each port.
RAM Initialization and ROM Operation
If desired, the contents of the RAM can be pre-loaded during device configuration. By preloading the RAM block
during the chip configuration cycle and disabling the write controls, the sysMEM block can also be utilized as a
ROM.
Single, Dual and Pseudo-Dual Port Modes
In all the sysMEM RAM modes the input data and address for the ports are registered at the input of the memory
array. The output data of the memory is optionally registered at the output. A clock is required even in asynchro-
nous read mode.
The EBR memory supports two forms of write behavior for dual port operation:
1.
Normal — data on the output appears only during a read cycle. During a write cycle, the data (at the current
address) does not appear on the output.
2.
Write Through — a copy of the input data appears at the output of the same port.
FIFO Configuration
The FIFO has a write port with Data-in, WCE, WE and WCLK signals. There is a separate read port with Data-out,
RCE, RE and RCLK signals. The FIFO internally generates Almost Full, Full, Almost Empty, and Empty Flags. The
Full and Almost Full flags are registered with WCLK. The Empty and Almost Empty flags are registered with RCLK.
Memory Mode
Configurations
Single Port
16,384 x 1
8,192 x 2
4,096 x 4
2,048 x 9
1,024 x 18
512 x 36
True Dual Port
16,384 x 1
8,192 x 2
4,096 x 4
2,048 x 9
1,024 x 18
Pseudo Dual Port
16,384 x 1
8,192 x 2
4,096 x 4
2,048 x 9
1,024 x 18
512 x 36
FIFO
16,384 x 1
8,192 x 2
4,096 x 4
2,048 x 9
1,024 x 18
512 x 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com