| Electronic Components Datasheet Search |
|
LFSC Datasheet(PDF) 39 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LFSC Datasheet(HTML) 39 Page - Lattice Semiconductor |
|
39 / 237 page ![]() 2-35 Architecture Lattice Semiconductor LatticeSC/M Family Data Sheet define their own operation. With ispLEVER, the user can define the mode for each quad in a design. Nine modes are currently supported by the ispLEVER design flow: • 8-bit SERDES Only • 10-bit SERDES Only • SONET (STS-12/STS-48) • Gigabit Ethernet • Fibre Channel •XAUI • Serial RapidIO • PCI-Express • Generic 8b10b flexiPCS Quad The flexiPCS logic is arranged in quads containing logic for four independent full-duplex data channels. Each device in the LatticeSC family has up to eight quads of flexiPCS logic. The LatticeSC Family Selection Guide table on the first page of this data sheet contains the number of flexiPCS channels present on the chip. Note that in some packages (particularly lower pin count packages), not all channels from all quads on a given device may be bonded to package pins. Each quad supports up to four channels of full-duplex data and can be programmed into any one of several proto- col based modes. Each quad requires its own reference clock which can be sourced externally or from the FPGA logic. The user can utilize between one and four channels in a quad, depending on the application. Figure 2-30 shows an example of four flexiPCS quads in a LatticeSC device. Quads are labeled according to the address of their software controlled registers. Figure 2-30. LatticeSC flexiPCS SERDES Interface FPGA Logic FPGA Logic I/Os FPGA Logic I/Os flexiPCS Quad 360 PCS/FPGA Interface flexiPCS Quad 360 High Speed Serial Data SERDES Interface flexiPCS Quad 361 PCS/FPGA Interface flexiPCS Quad 361 High Speed Serial Data SERDES Interface flexiPCS Quad 3E1 PCS/FPGA Interface flexiPCS Quad 3E1 High Speed Serial Data SERDES Interface flexiPCS Quad 3E0 PCS/FPGA Interface flexiPCS Quad 3E0 High Speed Serial Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |