Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 31 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 31 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 27Page - Lattice Semiconductor LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor LFSC Datasheet HTML 31Page - Lattice Semiconductor LFSC Datasheet HTML 32Page - Lattice Semiconductor LFSC Datasheet HTML 33Page - Lattice Semiconductor LFSC Datasheet HTML 34Page - Lattice Semiconductor LFSC Datasheet HTML 35Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 237 page
background image
2-27
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Table 2-9. Supported Input Standards
Input Standard
VREF (Nom.)
VCCIO
1 (Nom.)
On-chip Termination
Single Ended Interfaces
LVTTL33
3
—
3.3
None
LVCMOS 33, 25, 18, 15, 12
3
—
3.3/2.5/1.8/1.5/1.2 None
PCI33, PCIX33, AGP1X33
3
—
3.3
None
PCIX15
0.75
1.5
2
None / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
AGP2X33
1.32
—
None
HSTL18_I, II
0.9
1.8
2
None / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
HSTL18_III, IV
1.08
1.8
2
None / VCCIO: 50
HSTL15_I, II
0.75
1.5
2
None / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
HSTL15_III, IV
0.9
1.5
2
None / VCCIO: 50
SSTL33_I, II
1.5
3.3
None
SSTL25_I, II
1.25
2.5
2
None / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
SSTL18_I, II
0.9
1.8
2
None / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
GTL+, GTL
1.0 / 0.8
1.5 / 1.2
2
None / VCCIO: 50
Differential Interfaces
SSTL18D_I, II
—
1.8
2
None / Diff: 120, 150, 220, 420/ Diff to VCMT: 120, 150,
220, 420 / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
SSTL25D_I, II
—
2.5
2
None / Diff: 120, 150, 220, 420/ Diff to VCMT: 120, 150,
220, 420 / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
SSTL33D_I, II
—
3.3
None
HSTL15D_I, II
—
1.5
2
None / Diff: 120, 150, 220, 420/ Diff to VCMT: 120, 150,
220, 420 / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
HSTL18D_I, II
—
1.8
2
None / Diff: 120, 150, 220, 420/ Diff to VCMT: 120, 150,
220, 420 / VCCIO / 2: 50, 60/ VTT: 60, 75, 120, 210
LVDS
—
—
None / Diff: 120, 150, 220, 240/ Diff to VCMT: 120, 150,
220, 240
Mini-LVDS
—
—
None / Diff: 120, 150 / Diff to VCMT: 120, 150
BLVDS25
—
—
None
MLVDS25
—
—
None
HYPT (Hyper Transport)
—
—
None / Diff: 120, 150, 220, 240/ Diff to VCMT: 120, 150,
220, 240
RSDS
—
—
None / Diff: 120, 150, 220, 240/ Diff to VCMT: 120, 150,
220, 240
LVPECL33
—
≤2.5
None / Diff: 120, 150, 220, 240/ Diff to VCMT: 120, 150,
220, 240
1. When not specified VCCIO can be set anywhere in the valid operating range.
2. VCCIO needed for on-chip termination to VCCIO/2 or VCCIO only. VCCIO is not specified for off-chip termination or VTT termination.
3. All ratioed input buffers and dedicated pin input buffers include hysteresis with a typical value of 50mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com