Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 390Page - Renesas Technology Corp M16C/29 Datasheet HTML 391Page - Renesas Technology Corp M16C/29 Datasheet HTML 392Page - Renesas Technology Corp M16C/29 Datasheet HTML 393Page - Renesas Technology Corp M16C/29 Datasheet HTML 394Page - Renesas Technology Corp M16C/29 Datasheet HTML 395Page - Renesas Technology Corp M16C/29 Datasheet HTML 396Page - Renesas Technology Corp M16C/29 Datasheet HTML 397Page - Renesas Technology Corp M16C/29 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 499 page
background image
21. Electrical Characteristics (Normal-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 370
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 21.6 Low Voltage Detection Circuit Electrical Characteristics (Note 1, Note 3)
Table 21.7 Power Supply Circuit Timing Characteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
4
t
e
d
Ve
g
a
tl
o
V
n
o
it
c
e
t
e
D
e
g
a
tl
o
V
w
o
L
)
1
(
V C
C
V
5
.
5
o
t
8
.
0
=
2
.
38
.
35
4
.
4V
3
t
e
d
Ve
g
a
tl
o
V
n
o
it
c
e
t
e
D
e
c
a
p
S
t
e
s
e
R
)
1
(
3
.
28
.
24
.
3V
s
3
t
e
d
V
e
g
a
tl
o
V
d
l
o
H
t
e
s
e
R
e
g
a
tl
o
V
w
o
L
)
2
(
7
.
1V
r
3
t
e
d
Ve
g
a
tl
o
V
e
s
a
e
l
e
R
t
e
s
e
R
e
g
a
tl
o
V
w
o
L
5
3
.
29
.
25
.
3V
:
S
E
T
O
N
3
t
e
d
V
>
4
t
e
d
V
.
1
.)
2
t
e
s
e
r
e
r
a
w
d
r
a
h
(
t
e
s
e
r
n
o
it
c
e
t
e
d
t
u
o
-
n
w
o
r
b
n
i
a
t
n
i
a
m
o
t
e
g
a
tl
o
v
m
u
m
n
i
m
e
h
t
s
i
s
3
t
e
d
V
.
2
V
n
e
h
w
e
s
u
o
t
d
e
n
g
i
s
e
d
s
i
ti
u
c
ri
c
n
o
it
c
e
t
e
d
e
g
a
tl
o
V
w
o
l
e
h
T
.
3
C
C
.
V
5
o
t
t
e
s
s
i
n
o
it
c
e
t
e
d
l
e
v
e
l
t
e
s
e
r
e
h
t
n
e
h
w
e
g
a
tl
o
v
n
o
it
c
e
t
e
d
l
e
v
e
l
t
e
s
e
r
e
h
t
n
a
h
t
r
e
t
a
e
r
g
s
i
e
g
a
tl
o
v
r
e
w
o
p
y
l
p
p
u
s
e
h
t
fI
.
4
,
O
/I
l
a
ir
e
s
,
n
o
i
s
r
e
v
n
o
c
D
/
A
,r
e
v
e
w
o
H
.
d
e
e
t
n
a
r
u
g
s
i
z
H
M
0
1
<
)
K
L
C
B
(f
t
a
n
o
it
a
r
e
p
o
e
h
t
,
V
7
.
2
n
a
h
t
s
s
e
l
s
i
e
g
a
tl
o
v
.
d
e
d
u
l
c
x
e
e
r
a
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
y
r
o
m
e
m
h
s
a
lf
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
)
R
-
P
(
d
tn
o
-
r
e
w
o
P
n
e
h
w
e
g
a
tl
o
V
y
l
p
p
u
S
l
a
n
r
e
t
n
I
e
z
il
i
b
a
t
S
o
t
e
m
i
T
ti
a
W
V C
C
V
5
.
5
o
t
7
.
2
=
2s
m
)
C
O
R
(
d
t
n
o
-
r
e
w
o
P
n
e
h
w
r
o
t
a
ll
i
c
s
O
p
i
h
c
-
n
O
l
a
n
r
e
t
n
I
e
z
il
i
b
a
t
S
o
t
e
m
i
T
ti
a
W
0
4
µs
)
S
-
R
(
d
te
m
i
T
e
s
a
e
l
e
R
P
O
T
S
0
5
1
µs
)
S
-
W
(
d
te
m
i
T
e
s
a
e
l
e
R
e
d
o
M
ti
a
W
e
d
o
M
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
w
o
L
0
5
1
µs
)
R
-
S
(
d
te
m
i
T
ti
a
W
e
s
a
e
l
e
R
2
t
e
s
e
R
e
r
a
w
d
r
a
HV C
C
V
5
.
5
o
t
r
3
t
e
d
V
=6 )1
(
0
2s
m
)
A
-
E
(
d
te
m
i
T
tr
a
t
S
n
o
it
a
r
e
p
O
ti
u
c
ri
C
n
o
it
c
e
t
e
D
e
g
a
tl
o
V
w
o
LV C
C
V
5
.
5
o
t
7
.
2
=0
2
µs
:
E
T
O
N
V
n
e
h
W
.
1
C
C
5
=
td(P-R)
Wait time to stabilize internal
supply voltage when power-on
CPU clock
td(R-S)
(a)
(b)
td(W-S)
td(R-S)
STOP release time
td(W-S)
Low power dissipation mode
wait mode release time
td(S-R)
Vdet3r
VCC
CPU clock
VC26, VC27
td(E-A)
Stop
Operate
Interrupt for
(a) Stop mode release
or
(b) Wait mode release
td(S-R)
Brown-out detection
reset (hardware reset 2)
release wait time
td(E-A)
Voltage detection circuit
operation start time
Voltage Detection Circuit
td(ROC)
Wait time to stabilize internal
on-chip oscillator when power-
on
ROC
RESET
VCC
td(P-R)
td(ROC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com