Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 388Page - Renesas Technology Corp M16C/29 Datasheet HTML 389Page - Renesas Technology Corp M16C/29 Datasheet HTML 390Page - Renesas Technology Corp M16C/29 Datasheet HTML 391Page - Renesas Technology Corp M16C/29 Datasheet HTML 392Page - Renesas Technology Corp M16C/29 Datasheet HTML 393Page - Renesas Technology Corp M16C/29 Datasheet HTML 394Page - Renesas Technology Corp M16C/29 Datasheet HTML 395Page - Renesas Technology Corp M16C/29 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 499 page
background image
21. Electrical Characteristics (Normal-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 368
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 21.3 A/D Conversion Characteristics (Note 1)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
-n
o
it
u
l
o
s
e
RV F
E
R
V
= C
C
0
1s
ti
B
L
N
I
y
ti
r
a
e
n
il
n
o
N
l
a
r
g
e
t
n
I
r
o
r
r
E
ti
b
0
1
V F
E
R
V
= C
C
V
5
=3
±B
S
L
V F
E
R
V
= C
C
V
3
.
3
=5
±B
S
L
ti
b
8V F
E
R
V
= C
C
V
3
.
3
=2
±B
S
L
-y
c
a
r
u
c
c
A
e
t
u
l
o
s
b
A
ti
b
0
1
V F
E
R
V
= C
C
V
5
=3
±B
S
L
V F
E
R
V
= C
C
V
3
.
3
=5
±B
S
L
ti
b
8V F
E
R
V
= C
C
V
3
.
3
=2
±B
S
L
L
N
Dr
o
r
r
E
y
ti
r
a
e
n
il
n
o
N
l
a
it
n
e
r
e
ff
i
D
1
±B
S
L
-r
o
r
r
E
t
e
s
ff
O
3
±B
S
L
-r
o
r
r
E
n
i
a
G
3
±B
S
L
R
R
E
D
D
A
L
r
e
d
d
a
L
r
o
t
s
i
s
e
RV =
F
E
R
V C
C
0
10
4kΩ
t V
N
O
C
e
m
i
T
n
o
i
s
r
e
v
n
o
C
ti
b
-
0
1
e
l
b
a
li
a
v
A
n
o
it
c
n
u
F
d
l
o
H
&
e
l
p
m
a
S
V F
E
R
V
= C
C
,
V
5
=
φ
z
H
M
0
1
=
D
A3
.
3
µs
t V
N
O
C
e
m
i
T
n
o
i
s
r
e
v
n
o
C
ti
b
-
8
e
l
b
a
li
a
v
A
n
o
it
c
n
u
F
d
l
o
H
&
e
l
p
m
a
S
V F
E
R
V
= C
C
,
V
5
=
φ
z
H
M
0
1
=
D
A8
.
2
µs
V F
E
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
0
.
2V C
C
V
V AI
e
g
a
tl
o
V
t
u
p
n
I
g
o
l
a
n
A
0V F
E
R
V
:
S
E
T
O
N
V
o
t
d
e
c
n
e
r
e
f
e
R
.
1
C
C
V
A
=
C
C
V
=
F
E
R
V
,
V
5
.
5
o
t
3
.
3
=
S
S
V
A
=
S
S
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
C
°
5
8
o
t
0
4
-
/
C
°
5
8
o
t
0
2
-
=
r
p
o
T
t
a
V
0
=
.
d
e
if
i
c
e
p
s
p
e
e
K
.
2
φ
f
e
h
t
e
d
i
v
i
d
,
y
ll
a
n
o
it
i
d
d
A
.
s
s
e
l
r
o
z
H
M
0
1
t
a
y
c
n
e
u
q
e
rf
D
A
D
A
V
fi
C
C
e
k
a
m
d
n
a
,
V
2
.
4
n
a
h
t
s
s
e
l
s
i
φ D
A
f
n
a
h
t
r
e
w
o
l
r
o
o
t
l
a
u
q
e
y
c
n
e
u
q
e
rf
D
A
.
2
/
.
3p
e
e
k
,
d
e
l
b
a
s
i
d
s
i
n
o
it
c
n
u
f
d
l
o
h
&
e
l
p
m
a
s
n
e
h
W
φ
.
2
e
t
o
N
n
i
n
o
it
a
ti
m
il
e
h
t
o
t
n
o
it
i
d
d
a
n
i
e
r
o
m
r
o
z
H
k
0
5
2
t
a
y
c
n
e
u
q
e
rf
D
A
p
e
e
k
,
d
e
l
b
a
n
e
s
i
n
o
it
c
n
u
f
d
l
o
h
&
e
l
p
m
a
s
n
e
h
W
φ
.
2
e
t
o
N
n
i
n
o
it
a
ti
m
il
e
h
t
o
t
n
o
it
i
d
d
a
n
i
e
r
o
m
r
o
z
H
M
1
t
a
y
c
n
e
u
q
e
rf
D
A
/
3
s
i
e
m
it
g
n
il
p
m
a
s
,
d
e
l
b
a
n
e
s
i
n
o
it
c
n
u
f
d
l
o
h
&
e
l
p
m
a
s
n
e
h
W
.
4
φ
.
y
c
n
e
u
q
e
rf
D
A
/
2
s
i
e
m
it
g
n
il
p
m
a
s
,
d
e
l
b
a
s
i
d
s
i
n
o
it
c
n
u
f
d
l
o
h
&
e
l
p
m
a
s
n
e
h
W
φ
.
y
c
n
e
u
q
e
rf
D
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com