Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 385Page - Renesas Technology Corp M16C/29 Datasheet HTML 386Page - Renesas Technology Corp M16C/29 Datasheet HTML 387Page - Renesas Technology Corp M16C/29 Datasheet HTML 388Page - Renesas Technology Corp M16C/29 Datasheet HTML 389Page - Renesas Technology Corp M16C/29 Datasheet HTML 390Page - Renesas Technology Corp M16C/29 Datasheet HTML 391Page - Renesas Technology Corp M16C/29 Datasheet HTML 392Page - Renesas Technology Corp M16C/29 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 365
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
CAN_H
CAN_L
P92/CRx
SCLK
TXD
CNVss
P86(CE)
RESET
P93/CTx
Reset input
User reset
singnal
MCU
(1) Control pins and external circuits vary with the CAN programmer.
For more information, refer to the user's manual include with the CAN programmer.
(2) In this example, a selector controls the input voltage applied to CNVss to switch
between single-chip mode and CAN I/O mode.
P85(RP)
(Note 1)
(Note 1)
CAN transceiver
P16
(Note 1)
Note 1. Set following either or both.
•Connect the CE pin to VCC
•Connect the RP pin to VSS and the P16 pin to VCC
20.11.2 Example of Circuit Application in CAN I/O Mode
Figure 20.21
shows example of circuit application in CAN I/O mode. Refer to the user’s manual for CAN
programmer to handle pins controlled by a CAN programmer.
Figure 20.21 Circuit Application in CAN I/O Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com