Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 384Page - Renesas Technology Corp M16C/29 Datasheet HTML 385Page - Renesas Technology Corp M16C/29 Datasheet HTML 386Page - Renesas Technology Corp M16C/29 Datasheet HTML 387Page - Renesas Technology Corp M16C/29 Datasheet HTML 388Page - Renesas Technology Corp M16C/29 Datasheet HTML 389Page - Renesas Technology Corp M16C/29 Datasheet HTML 390Page - Renesas Technology Corp M16C/29 Datasheet HTML 391Page - Renesas Technology Corp M16C/29 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 499 page
background image
20. Flash Memory Version
p
u
o
r
G
9
2
/
C
6
1
M
page 364
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
SCLK
TxD
Connect
oscillator
circuit
NOTE:
1. Set following either or both in serial I/O mode while the RESET pin is held “L”.
•Connect the CE pin to VCC
•Connect the RP pin to VSS and the P16 pin to VCC
Mode setup method
Signal
CNVss
Reset
P16
CE
RP
SCLK
TxD
Value
Vcc
Vss to Vcc
Vcc (1)
Vcc (1)
Vss (1)
Vss
Vcc
M16C/29 Group (80-pin package)
(Flash memory version)
(PLQP0080KB-A (80P6Q-A))
Figure 20.20 Pin Connections for CAN I/O Mode (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com