Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 417Page - Renesas Technology Corp M16C/29 Datasheet HTML 418Page - Renesas Technology Corp M16C/29 Datasheet HTML 419Page - Renesas Technology Corp M16C/29 Datasheet HTML 420Page - Renesas Technology Corp M16C/29 Datasheet HTML 421Page - Renesas Technology Corp M16C/29 Datasheet HTML 422Page - Renesas Technology Corp M16C/29 Datasheet HTML 423Page - Renesas Technology Corp M16C/29 Datasheet HTML 424Page - Renesas Technology Corp M16C/29 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 499 page
background image
21. Electrical Characteristics (T-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 397
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Timing Requirements
(V
CC = 5V, VSS = 0V, at Topr = – 40 to 85oC unless otherwise specified)
Table 21.61 Multi-master I2C bus Line
VCC = 5V
High-speed clock mode
Max.
Min.
Bus free time
The hold time in start condition
The hold time in SCL clock 0 status
µs
µs
µs
tBUF
tHD;STA
tLOW
Parameter
Symbol
Unit
tR
tHIGH
tHD;DAT
ns
µs
µs
Data hold time
The hold time in SCL clock 1 status
SCL, SDA signals' rising time
1.3
0.6
1.3
0
0.6
20+0.1Cb
tF
SCL, SDA signals' falling time
tSU;DAT
Data setup time
tSU;STA
The setup time in restart condition
tSU;STO
Stop condition setup time
Standard clock mode
Max.
Min.
4.7
4.0
4.7
0
4.0
250
4.7
4.0
1000
300
100
0.6
20+0.1Cb
0.6
300
300
0.9
ns
ns
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com