Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 421Page - Renesas Technology Corp M16C/29 Datasheet HTML 422Page - Renesas Technology Corp M16C/29 Datasheet HTML 423Page - Renesas Technology Corp M16C/29 Datasheet HTML 424Page - Renesas Technology Corp M16C/29 Datasheet HTML 425Page - Renesas Technology Corp M16C/29 Datasheet HTML 426Page - Renesas Technology Corp M16C/29 Datasheet HTML 427Page - Renesas Technology Corp M16C/29 Datasheet HTML 428Page - Renesas Technology Corp M16C/29 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 499 page
background image
21. Electrical Characteristics (T-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 401
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
VCC = 3V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
I C
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
r
r
u
C
V
( C
C
)
V
6
.
3
o
t
0
.
3
=
e
r
a
s
n
i
p
t
u
p
t
u
O
d
n
a
n
e
p
o
tf
e
l
e
r
a
s
n
i
p
r
e
h
t
o
V
o
t
d
e
t
c
e
n
n
o
c
S
S
M
O
R
k
s
a
M(fK
L
C
B,
z
H
M
0
1
=
)
n
o
i
s
i
v
i
d
o
n
,
k
c
o
l
c
n
i
a
m
83
1A
m
,
n
o
it
a
ll
i
c
s
o
p
i
h
c
-
n
O
f
)
C
O
R
(
2
z
H
M
1
=
)
K
L
C
B
(f
,
d
e
t
c
e
l
e
s
1A
m
y
r
o
m
e
m
h
s
a
l
F(fK
L
C
B,
z
H
M
0
1
=
)
n
o
i
s
i
v
i
d
o
n
,
k
c
o
l
c
n
i
a
m
83
1A
m
y
r
o
m
e
m
h
s
a
l
F
m
a
r
g
o
r
p
V
0
.
3
=
c
c
V
,
z
H
M
0
1
=
)
K
L
C
B
(f
1
1A
m
y
r
o
m
e
m
h
s
a
l
F
e
s
a
r
e
V
0
.
3
=
c
c
V
,
z
H
M
0
1
=
)
K
L
C
B
(f
1
1A
m
M
O
R
k
s
a
Mz
H
k
2
3
=
)
K
L
C
B
(f,
e
d
o
m
n
o
it
p
m
u
s
n
o
c
r
e
w
o
p
-
w
o
l
n
I,
M
O
R
n
o
g
n
i
n
n
u
r
m
a
r
g
o
r
P
)
3
(
0
2
µA
,
n
o
it
a
ll
i
c
s
o
p
i
h
c
-
n
O
f
)
C
O
R
(
2
,
z
H
M
1
=
)
K
L
C
B
(f
,
d
e
t
c
e
l
e
s
e
d
o
m
ti
a
w
n
I
5
2
µA
y
r
o
m
e
m
h
s
a
l
Fz
H
k
2
3
=
)
K
L
C
B
(f,
e
d
o
m
n
o
it
p
m
u
s
n
o
c
r
e
w
o
p
-
w
o
l
n
I,
M
A
R
n
o
g
n
i
n
n
u
r
m
a
r
g
o
r
P
)
3
(
0
2
µA
,
z
H
k
2
3
=
)
K
L
C
B
(f
,
e
d
o
m
n
o
it
p
m
u
s
n
o
c
r
e
w
o
p
-
w
o
l
n
I
y
r
o
m
e
m
h
s
a
lf
n
o
g
n
i
n
n
u
r
m
a
r
g
o
r
P
)
3
(
0
5
4
µA
,
n
o
it
a
ll
i
c
s
o
p
i
h
c
-
n
O
f
)
C
O
R
(
2
,
z
H
M
1
=
)
K
L
C
B
(f
,
d
e
t
c
e
l
e
s
e
d
o
m
ti
a
w
n
I
5
4
µA
,
M
O
R
k
s
a
M
y
r
o
m
e
m
h
s
a
l
F
e
d
o
m
ti
a
w
n
I
,
z
H
k
2
3
=
)
K
L
C
B
(f
)
2
( ,
h
g
i
h
y
ti
c
a
p
a
c
n
o
it
a
lli
c
s
O
6
.
6
µA
,
z
H
k
2
3
=
)
K
L
C
B
(fe
d
o
m
ti
a
w
n
I
)
2
( ,
w
o
l
y
ti
c
a
p
a
c
n
o
it
a
lli
c
s
O
2
.
2
µA
,
s
p
o
t
s
k
c
o
l
c
e
li
h
W5
2
=
r
p
o
TC
°
7
.
03
µA
:
S
E
T
O
N
o
t
d
e
c
n
e
r
e
f
e
R
.
1V C
C
V
,
V
6
.
3
o
t
0
.
3
=
S
S
.
d
e
if
i
c
e
p
s
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
z
H
M
0
2
=
)
K
L
C
B
(f
,
C
°
5
8
o
t
0
4
-
=
r
p
o
T
t
a
V
0
=
f
g
n
i
s
u
,
s
e
t
a
r
e
p
o
r
e
m
it
e
n
o
h
ti
W
.
2
2
3
C
.
.
s
t
s
i
x
e
d
e
t
u
c
e
x
e
e
b
o
t
m
a
r
g
o
r
p
e
h
t
h
c
i
h
w
n
i
y
r
o
m
e
m
e
h
t
s
e
t
a
c
i
d
n
i
s
i
h
T
.
3
Table 21.63 Electrical Characteristics (2) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com