Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 429Page - Renesas Technology Corp M16C/29 Datasheet HTML 430Page - Renesas Technology Corp M16C/29 Datasheet HTML 431Page - Renesas Technology Corp M16C/29 Datasheet HTML 432Page - Renesas Technology Corp M16C/29 Datasheet HTML 433Page - Renesas Technology Corp M16C/29 Datasheet HTML 434Page - Renesas Technology Corp M16C/29 Datasheet HTML 435Page - Renesas Technology Corp M16C/29 Datasheet HTML 436Page - Renesas Technology Corp M16C/29 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 499 page
background image
21. Electrical Characteristics (V-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 409
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 21.79 Recommended Operating Conditions (1)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
2
.
45
.
5V
V
A C
C
e
g
a
tl
o
V
y
l
p
p
u
S
g
o
l
a
n
A
V C
C
V
V S
S
e
g
a
tl
o
V
y
l
p
p
u
S
0V
V
A S
S
e
g
a
tl
o
V
y
l
p
p
u
S
g
o
l
a
n
A
0V
V H
I
)
"
H
"
(
h
g
i
H
t
u
p
n
I
e
g
a
tl
o
V
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
V
7
.
0
C
C
V C
C
V
S
S
V
N
C
,
T
E
S
E
R
,
N
I
X
V
8
.
0
C
C
V C
C
V
A
D
S
M
M
L
C
S
,
M
M
I
n
e
h
W
2
d
e
t
c
e
l
e
s
s
i
l
e
v
e
l
t
u
p
n
i
s
u
b
CV
7
.
0
C
C
V C
C
V
d
e
t
c
e
l
e
s
s
i
l
e
v
e
l
t
u
p
n
i
S
U
B
M
S
n
e
h
W4
.
1V C
C
V
V LI
)
"
L
"
(
w
o
L
t
u
p
n
I
e
g
a
tl
o
V
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
0V
3
.
0
C
C
V
S
S
V
N
C
,
T
E
S
E
R
,
N
I
X
0V
2
.
0
C
C
V
A
D
S
M
M
L
C
S
,
M
M
I
n
e
h
W
2
d
e
t
c
e
l
e
s
s
i
l
e
v
e
l
t
u
p
n
i
s
u
b
C0
3
.
0V C
C
V
d
e
t
c
e
l
e
s
s
i
l
e
v
e
l
t
u
p
n
i
S
U
B
M
S
n
e
h
W0
6
.
0V
I
)
k
a
e
p
(
H
O
h
g
i
H
t
u
p
t
u
O
k
a
e
P
t
n
e
r
r
u
C
)
"
H
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
0
.
0
1
-A
m
I
)
g
v
a
(
H
O
t
u
p
t
u
O
e
g
a
r
e
v
A
t
n
e
r
r
u
C
)
"
H
"
(
h
g
i
H
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
0
.
5
-A
m
I
)
k
a
e
p
(
L
O
w
o
L
t
u
p
t
u
O
k
a
e
P
t
n
e
r
r
u
C
)
"
L
"
(
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
0
.
0
1A
m
I
)
g
v
a
(
L
O
t
u
p
t
u
O
e
g
a
r
e
v
A
t
n
e
r
r
u
C
)
"
L
"
(
w
o
L
0
P 0
0
P
o
t
7
1
P
,
0
1
P
o
t
7
2
P
,
0
2
P
o
t
7
3
P
,
0
3
P
o
t
7
6
P
,
0
6
P
o
t
7
,
7
P 0
7
P
o
t
7
8
P
,
0
8
P
o
t
7
9
P
,
0
9
P
o
t
3
9
P
,
5
9
P
o
t
7
0
1
P
,
0
0
1
P
o
t
7
0
.
5A
m
X
(f N
I
)y
c
n
e
u
q
e
r
F
n
o
it
a
ll
i
c
s
O
t
u
p
n
I
k
c
o
l
C
n
i
a
M
)
4
(
C
°
5
0
1
o
t
0
4
-
=
r
p
o
T
00
2z
H
M
C
°
5
2
1
o
t
0
4
-
=
r
p
o
T0
6
1z
H
M
X
(f N
I
C
)y
c
n
e
u
q
e
r
F
n
o
it
a
ll
i
c
s
O
k
c
o
l
C
b
u
S
8
6
7
.
2
30
5z
H
k
f1
)
C
O
R
(1
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
p
i
h
c
-
n
O
5
.
01
2
z
H
M
)
C
O
R
(
2
f2
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
p
i
h
c
-
n
O
12
4
z
H
M
)
C
O
R
(
3
f3
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
p
i
h
c
-
n
O
86
16
2z
H
M
)
L
L
P
(fy
c
n
e
u
q
e
r
F
n
o
it
a
ll
i
c
s
O
k
c
o
l
C
L
L
P
)
4
(
C
°
5
0
1
o
t
0
4
-
=
r
p
o
T0
10
2z
H
M
C
°
5
2
1
o
t
0
4
-
=
r
p
o
T0
16
1z
H
M
)
K
L
C
B
(fy
c
n
e
u
q
e
r
F
k
c
o
l
C
n
o
it
a
r
e
p
O
U
P
C
C
°
5
0
1
o
t
0
4
-
=
r
p
o
T0
0
2z
H
M
C
°
5
2
1
o
t
0
4
-
=
r
p
o
T0
6
1z
H
M
t U
S
)
L
L
P
(r
e
z
i
s
e
h
t
n
y
S
y
c
n
e
u
q
e
r
F
L
L
P
e
z
il
i
b
a
t
S
o
t
e
m
i
T
ti
a
W
V
0
.
5
=
c
c
V0
2z
H
M
:
S
E
T
O
N
V
o
t
d
e
c
n
e
r
e
f
e
R
.
1
C
C
.
d
e
if
i
c
e
p
s
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
C
°
5
2
1
o
t
0
4
-
=
r
p
o
T
t
a
V
5
.
5
o
t
2
.
4
=
.
s
m
0
0
1
n
i
h
ti
w
e
u
l
a
v
n
a
e
m
e
h
t
s
i
t
n
e
r
r
u
c
t
u
p
t
u
o
n
a
e
m
e
h
T
.
2
I
l
a
t
o
t
e
h
T
.
3
)
k
a
e
p
(
L
O
I
l
a
t
o
t
e
h
T
.
s
s
e
l
r
o
A
m
0
8
e
b
t
s
u
m
s
tr
o
p
ll
a
r
o
f
)
k
a
e
p
(
H
O
.
s
s
e
l
r
o
A
m
0
8
-
e
b
t
s
u
m
s
tr
o
p
ll
a
r
o
f
.
e
g
a
tl
o
v
y
l
p
p
u
s
d
n
a
y
c
n
e
u
q
e
rf
n
o
it
a
ll
i
c
s
o
k
c
o
l
c
L
L
P
,
y
c
n
e
u
q
e
rf
n
o
it
a
ll
i
c
s
o
k
c
o
l
c
n
i
a
m
g
n
o
m
a
p
i
h
s
n
o
it
a
l
e
R
.
4
Main clock input oscillation frequency
VCC[V] (main clock: no division)
PLL clock oscillation frequency
VCC[V] (PLL clock oscillation)
20.0
0.0
5.5
10.0
20.0
0.0
5.5
10.0
16.0
4.2
20.0 MHz (Topr = -40 C to 105 C)
16.0 MHz (Topr = -40 C to 125 C)
20.0 MHz (Topr = -40 C to 105 C)
16.0 MHz (Topr = -40 C to 125 C)
4.2
16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com