Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 431Page - Renesas Technology Corp M16C/29 Datasheet HTML 432Page - Renesas Technology Corp M16C/29 Datasheet HTML 433Page - Renesas Technology Corp M16C/29 Datasheet HTML 434Page - Renesas Technology Corp M16C/29 Datasheet HTML 435Page - Renesas Technology Corp M16C/29 Datasheet HTML 436Page - Renesas Technology Corp M16C/29 Datasheet HTML 437Page - Renesas Technology Corp M16C/29 Datasheet HTML 438Page - Renesas Technology Corp M16C/29 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 499 page
background image
21. Electrical Characteristics (V-version)
p
u
o
r
G
9
2
/
C
6
1
M
page 411
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 21.81 Flash Memory Version Electrical Characteristics (1) for 100/1000 E/W cycle products
[Program Space and Data Space in U3; Program Space in U7]
Table 21.82 Flash Memory Version Electrical Characteristics (6) for 10000 E/W cycle products
[Data Space in U7 (7)]
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T
)
2
(
.
x
a
M
-
e
c
n
a
r
u
d
n
E
e
s
a
r
E
d
n
a
m
a
r
g
o
r
P
)
3
(
0
0
0
1
/
0
0
1
)
1
1
,
4
(
s
e
l
c
y
c
-V
(
e
m
i
T
m
a
r
g
o
r
P
d
r
o
W
C
C
5
2
=
r
p
o
T
,
V
0
.
5
=C
° )5
70
0
6
µs
-e
m
i
T
e
s
a
r
E
k
c
o
l
B
V
( C
C
5
2
=
r
p
o
T
,
V
0
.
5
=C
° )
k
c
o
l
B
e
t
y
b
K
-
2
2
.
09
s
k
c
o
l
B
e
t
y
b
K
-
8
4
.
09
s
k
c
o
l
B
e
t
y
b
K
-
6
1
7
.
09
s
k
c
o
l
B
e
t
y
b
K
-
2
3
2
.
19
s
)
S
E
-
R
S
(
d
td
n
e
p
s
u
S
e
s
a
r
E
d
n
a
t
s
e
u
q
e
R
d
n
e
p
s
u
S
n
e
e
w
t
e
b
n
o
it
a
r
u
D
8s
m
t S
P
ti
u
c
ri
C
y
r
o
m
e
M
h
s
a
l
F
e
z
il
i
b
a
t
S
o
t
e
m
i
T
ti
a
W
5
1
µs
-e
m
i
T
d
l
o
H
a
t
a
D
)
5
(
0
2s
r
a
e
y
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
ti
n
U
.
n
i
M.
p
y
T
)
2
(
.
x
a
M
-
e
c
n
a
r
u
d
n
E
e
s
a
r
E
d
n
a
m
a
r
g
o
r
P
)
9
,
8
,
3
(
0
0
0
0
1
)
0
1
,
4
(
s
e
l
c
y
c
-V
(
e
m
i
T
m
a
r
g
o
r
P
d
r
o
W
C
C
5
2
=
r
p
o
T
,
V
0
.
5
=C
° )0
0
1
µs
-
e
m
i
T
e
s
a
r
E
k
c
o
l
BV
( C
C
5
2
=
r
p
o
T
,
V
0
.
5
=C
° )
)
k
c
o
l
b
e
t
y
b
K
-
2
(
3
.
0s
)
S
E
-
R
S
(
d
td
n
e
p
s
u
S
e
s
a
r
E
d
n
a
t
s
e
u
q
e
R
d
n
e
p
s
u
S
n
e
e
w
t
e
b
n
o
it
a
r
u
D
8s
m
t S
P
ti
u
c
ri
C
y
r
o
m
e
M
h
s
a
l
F
e
z
il
i
b
a
t
S
o
t
e
m
i
T
ti
a
W
5
1
µs
-e
m
i
T
d
l
o
H
a
t
a
D
)
5
(
0
2s
r
a
e
y
:
S
E
T
O
N
°
0
6
o
t
0
=
r
p
o
T
t
a
V
5
.
5
o
t
2
.
4
=
C
C
V
o
t
d
e
c
n
e
r
e
f
e
R
.
1
,)
e
c
a
p
s
a
t
a
d
(
C
°
5
2
1
o
t
0
4
-
=
r
p
o
T
/)
e
c
a
p
s
m
a
r
g
o
r
p
(
C
.
d
e
if
i
c
e
p
s
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
C
°
5
2
=
R
P
O
T
;
V
0
.
5
=
C
C
V
.
2
.
k
c
o
l
b
r
e
p
s
e
l
c
y
c
e
s
a
r
e
-
m
a
r
g
o
r
p
f
o
r
e
b
m
u
n
s
a
d
e
n
if
e
d
s
i
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
P
.
3
s
i
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
fI
n
(
e
l
c
y
c
n
d
e
m
m
a
r
g
o
r
p
d
n
a
d
e
s
a
r
e
e
b
n
a
c
k
c
o
l
b
h
c
a
e
,)
0
0
0
0
1
,
0
0
0
1
,
0
0
1
=
n
.
s
e
l
c
y
c
,
s
e
m
it
4
2
0
,
1
s
s
e
r
d
d
a
h
c
a
e
o
t
a
t
a
d
d
r
o
w
-
e
n
o
g
n
i
m
m
a
r
g
o
r
p
r
e
tf
a
d
e
s
a
r
e
s
i
A
k
c
o
l
b
e
t
y
b
K
-
2
a
fi
,
e
l
p
m
a
x
e
r
o
F
n
a
h
t
e
r
o
m
s
s
e
r
d
d
a
e
m
a
s
e
h
t
o
t
d
e
m
m
a
r
g
o
r
p
e
b
t
o
n
n
a
c
a
t
a
D
.
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
e
n
o
s
a
s
t
n
u
o
c
s
i
h
t
.)
d
e
ti
b
i
h
o
r
p
e
ti
r
w
e
r
(
.
k
c
o
l
b
e
h
t
g
n
i
s
a
r
e
t
u
o
h
ti
w
e
c
n
o
.)
d
e
e
t
n
a
r
u
g
e
r
a
e
u
l
a
v
m
u
m
i
n
i
m
o
t
1
(
d
e
e
t
n
a
r
u
g
s
i
n
o
it
a
r
e
p
o
h
c
i
h
w
r
o
f
s
e
l
c
y
c
W
/
E
f
o
r
e
b
m
u
N
.
4
C
°
5
5
=
r
p
o
T
.
5
.
d
e
if
i
c
e
p
s
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
C
°
5
2
1
o
t
0
4
-
=
r
p
o
T
t
a
V
5
.
5
o
t
2
.
4
=
C
C
V
o
t
d
e
c
n
e
r
e
f
e
R
.
6
.
7
2
8
.
1
2
e
l
b
a
T
.
s
e
l
c
y
c
0
0
0
,
1
n
a
h
t
e
r
o
m
s
i
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
n
e
h
w
7
U
n
i
e
c
a
p
s
a
t
a
d
r
o
f
s
e
il
p
p
a
e
s
u
,
e
s
i
w
r
e
h
t
O
1
8
.
1
2
e
l
b
a
T
.
,
s
e
ti
r
w
e
r
s
u
o
r
e
m
u
n
g
n
ir
i
u
q
e
r
s
m
e
t
s
y
s
h
ti
w
g
n
i
k
r
o
w
n
e
h
w
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
f
o
r
e
b
m
u
n
e
h
t
e
c
u
d
e
r
o
T
.
8
s
e
s
s
e
r
d
d
a
e
l
b
i
s
s
o
p
ll
a
r
e
tf
a
y
l
n
o
k
c
o
l
b
e
s
a
r
E
.
e
ti
r
w
e
r
f
o
d
a
e
t
s
n
i
k
c
o
l
b
e
h
t
n
i
h
ti
w
s
e
s
s
e
r
d
d
a
d
r
o
w
d
e
s
u
n
u
o
t
e
ti
r
w
.
y
r
a
s
s
e
c
e
n
s
e
m
o
c
e
b
e
s
a
r
e
e
r
o
f
e
b
m
u
m
i
x
a
m
s
e
m
it
8
2
1
n
e
tt
ir
w
e
b
n
a
c
m
a
r
g
o
r
p
d
r
o
w
-
8
n
a
,
e
l
p
m
a
x
e
r
o
F
.
d
e
s
u
e
r
a
s
i
tI
.
y
c
n
e
i
c
if
f
e
e
v
o
r
p
m
i
o
s
l
a
ll
i
w
B
k
c
o
l
b
d
n
a
A
k
c
o
l
b
n
e
e
w
t
e
b
e
r
u
s
a
r
e
s
e
m
it
f
o
r
e
b
m
u
n
l
a
u
q
e
n
a
g
n
i
n
i
a
t
n
i
a
M
.
e
r
u
s
a
r
e
f
o
r
e
b
m
u
n
e
h
t
ti
m
il
o
t
d
n
a
k
c
o
l
b
r
e
p
d
e
m
r
o
fr
e
p
e
r
u
s
a
r
e
f
o
r
e
b
m
u
n
l
a
t
o
t
e
h
t
k
c
a
rt
o
t
d
e
d
n
e
m
m
o
c
e
r
e
s
a
r
e
k
c
o
l
b
d
n
a
d
n
a
m
m
o
c
r
e
t
s
i
g
e
r
s
u
t
a
t
s
r
a
e
l
c
e
h
t
e
t
u
c
e
x
e
,
e
s
a
r
e
k
c
o
l
b
g
n
ir
u
d
d
e
t
a
r
e
n
e
g
s
i
r
o
r
r
e
e
s
a
r
e
n
a
fI
.
9
.
d
e
t
a
r
e
n
e
g
t
o
n
s
i
r
o
r
r
e
e
s
a
r
e
n
a
li
t
n
u
s
e
m
it
3
t
s
a
e
l
t
a
d
n
a
m
m
o
c
n
i
ti
b
7
1
R
M
F
e
h
t
g
n
it
t
e
s
y
b
s
s
e
c
c
a
k
c
o
l
b
r
e
p
e
t
a
t
s
ti
a
w
e
n
o
t
e
s
,
s
e
ti
r
w
e
r
s
e
m
it
0
0
1
n
a
h
t
e
r
o
m
g
n
it
u
c
e
x
e
n
e
h
W
.
0
1
t
e
s
e
b
n
a
c
e
t
a
t
s
ti
a
w
,
M
A
R
l
a
n
r
e
t
n
i
d
n
a
s
k
c
o
l
b
r
e
h
t
o
ll
a
o
t
g
n
i
s
s
e
c
c
a
n
e
h
W
.)
e
t
a
t
s
ti
a
w
(
1
o
t
r
e
t
s
i
g
e
r
1
R
M
F
e
h
t
.
e
u
l
a
v
g
n
it
t
e
s
ti
b
7
1
R
M
F
e
h
t
f
o
s
s
e
l
d
r
a
g
e
r
,t
i
b
7
1
M
P
e
h
t
y
b
s
e
l
c
y
c
0
0
0
,
1
;
3
U
n
i
e
c
a
p
s
a
t
a
d
d
n
a
e
c
a
p
s
m
a
r
g
o
r
p
r
o
f
s
e
l
c
y
c
0
0
1
s
i
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
e
h
T
.
1
1
.
7
U
n
i
e
c
a
p
s
m
a
r
g
o
r
p
r
o
f
r
o
f
r
o
t
u
b
ir
t
s
i
d
t
c
u
d
o
r
p
.
p
r
o
C
y
g
o
l
o
n
h
c
e
T
s
a
s
e
n
e
R
d
e
z
ir
o
h
t
u
a
n
a
r
o
.
p
r
o
C
y
g
o
l
o
n
h
c
e
T
s
a
s
e
n
e
R
t
c
a
t
n
o
c
e
s
a
e
l
P
.
2
1
.
e
t
a
r
e
r
u
li
a
f
W
/
E
e
h
t
n
o
s
li
a
t
e
d
r
e
h
tr
u
f
Erase suspend
request
(interrupt request)
FMR46
td(SR-ES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com