Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 273Page - Renesas Technology Corp M16C/29 Datasheet HTML 274Page - Renesas Technology Corp M16C/29 Datasheet HTML 275Page - Renesas Technology Corp M16C/29 Datasheet HTML 276Page - Renesas Technology Corp M16C/29 Datasheet HTML 277Page - Renesas Technology Corp M16C/29 Datasheet HTML 278Page - Renesas Technology Corp M16C/29 Datasheet HTML 279Page - Renesas Technology Corp M16C/29 Datasheet HTML 280Page - Renesas Technology Corp M16C/29 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 253
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
15.2 Resolution Select Function
The BITS bit in the ADCON1 register determines the resolution. When the BITS bit is set to 1 (10-bit
precision), the A/D conversion result is stored into bits 0 to 9 in the ADi register (i=0 to 7). When the BITS
bit is set to 0 (8-bit precision), the A/D conversion result is stored into bits 7 to 0 in the ADi register.
15.3 Sample and Hold
When the SMP bit in the ADCON 2 register is set to 1 (with the sample and hold function), A/D conversion
rate per pin increases to 28 φAD cycles for 8-bit resolution or 33 φAD cycles for 10-bit resolution. The
sample and hold function is available in one-shot mode, repeat mode, single sweep mode, repeat sweep
mode 0 and repeat sweep mode 1. In these modes, start A/D conversion after selecting whether the
sample and hold circuit is to be used or not. In simultaneous sample sweep mode, delayed trigger mode
0 or delayed trigger mode, set to use the Sample and Hold function before starting A/D conversion.
15.4 Power Consumption Reducing Function
When the A/D converter is not used, the VCUT bit in the ADCON1 register isolates the resistor ladder of
the A/D converter from the reference voltage input pin (VREF). Power consumption is reduced by shutting
off any current flow into the resistor ladder from the VREF pin.
When using the A/D converter, set the VCUT bit to 1 (Vref connected) before setting the ADST bit in the
ADCON0 register to 1 (A/D conversion started). Do not set the ADST bit and VCUT bit to 1 simulta-
neously, nor set the VCUT bit to 0 (Vref unconnected) during A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com