Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 274Page - Renesas Technology Corp M16C/29 Datasheet HTML 275Page - Renesas Technology Corp M16C/29 Datasheet HTML 276Page - Renesas Technology Corp M16C/29 Datasheet HTML 277Page - Renesas Technology Corp M16C/29 Datasheet HTML 278Page - Renesas Technology Corp M16C/29 Datasheet HTML 279Page - Renesas Technology Corp M16C/29 Datasheet HTML 280Page - Renesas Technology Corp M16C/29 Datasheet HTML 281Page - Renesas Technology Corp M16C/29 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 254
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.29 Analog Input Pin and External Sensor Equivalent Circuit
15.5 Output Impedance of Sensor under A/D Conversion
To carry out A/D conversion properly, charging the internal capacitor C shown in Figure 15.29 has to be
completed within a specified period of time. T (sampling time) as the specified time. Let output imped-
ance of sensor equivalent circuit be R0, MCU’s internal resistance be R, precision (error) of the A/D
converter be X, and the A/D converter’s resolution be Y (Y is 1024 in the 10-bit mode, and 256 in the 8-
bit mode).
VC is generally VC = VIN{1-e c(R0+R)
}
And when t = T,
VC=VIN-
VIN=VIN(1-
)
e c(R0+R)
=
-
T = ln
Hence,
R0 = -
- R
Figure 15.29
shows analog input pin and externalsensor equivalent circuit. When the difference be-
tween VIN and VC becomes 0.1 LSB, we find impedance R0 when voltage between pins. VC changes
from 0 to VIN-(0.1/1024) VIN in timer T. (0.1/1024) means that A/D precision drop due to insufficient
capacitor chage is held to 0.1LSB at time of A/D conversion in the 10-bit mode. Actual error however is
the value of absolute precision added to 0.1LSB. When f(XIN) = 10MHz, T=0.3µs in the A/D conversion
mode with sample & hold. Output inpedance R0 for sufficiently charging capacitor C within time T is
determined as follows.
T = 0.3µs, R = 7.8kΩ, C = 1.5pF, X = 0.1, and Y = 1024. Hence,
R0 = -
- 7.8 X 103 ≅ 13.9 X 103
Thus, the allowable output impedance of the sensor circuit capable of thoroughly driving the A/D con-
verter turns out of be approximately 13.9kΩ.
1
1 T
t
C(R0+R)
1
X
Y
X
Y
X
Y
X
Y
T
C•ln
X
Y
1.5X10-12•ln
0.1
1024
0.3X10-6
R0
R (7.8kΩ)
C (1.5pF)
VIN
VC
Sampling time
Sample-and-hold function enabled:
Sample-and-hold function disabled:
3
φAD
MCU
Sensor equivalent
circuit
2
φAD
(1)
(1)
NOTE:
1. Reference value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com