Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 278Page - Renesas Technology Corp M16C/29 Datasheet HTML 279Page - Renesas Technology Corp M16C/29 Datasheet HTML 280Page - Renesas Technology Corp M16C/29 Datasheet HTML 281Page - Renesas Technology Corp M16C/29 Datasheet HTML 282Page - Renesas Technology Corp M16C/29 Datasheet HTML 283Page - Renesas Technology Corp M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 258
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.3 S00 and S20 Registers
0: Standard clock mode
1: High-speed clock mode
0: ACK is returned
1: ACK is not returned
0: No ACK clock
1: With ACK clock
ACK Clock Bit
ACK Bit
SCL Mode Specification Bit
SCL Frequency Control Bits
CCR0
CCR1
CCR2
CCR3
CCR4
FAST
MODE
ACKBIT
ACK-CLK
Function
Bit Name
Bit Symbol
0016
After Reset
02E416
Address
Symbol
S20
b6 b5 b4 b3 b2 b1 b0
C0 Clock Control Register
I2
RW
See Table 16.3
RW
RW
RW
RW
RW
RW
RW
RW
Symbol
Address
After Reset
S00
02E016
XX16
b7b6b5b4b3b2b1b0
RW
Function
RW(1)
NOTE:
1. Write is enabled only when the ES0 bit in the S1D0 register is 1 (I2C bus interface is enabled). Write the transmit data after
the receive data is read because the S00 register is used to store both the transmit and receive data. When the S00 register
is set, bits BC2 to BC0 in the S1D0 register are set to 0002, while bits LRB, AAS, and AL in the S10 register are set to 0
respectively.
Transmit/receive data are stored.
In master transmit mode, the start condition/stop condition are triggered by writing data
to the register (refer to 16.9 START Condition Generation Method and 16.11 STOP
Condition Generation Method
). Start transmitting/receiving data while synchronizing
with SCL
I2C0 Data Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com