Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 279Page - Renesas Technology Corp M16C/29 Datasheet HTML 280Page - Renesas Technology Corp M16C/29 Datasheet HTML 281Page - Renesas Technology Corp M16C/29 Datasheet HTML 282Page - Renesas Technology Corp M16C/29 Datasheet HTML 283Page - Renesas Technology Corp M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 259
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.4 S1D0 Register
0: Disabled
1: Enabled
0: Addressing format
1: Free data format
Set to 0
0: Reset release (automatic)
1: Reset
NOTE:
1.In the following status, the bit counter is set to 000 automatically
•Start condition/stop condition are detected
•Immediately after the completion of 1-byte data transmit
•Immediately after the completion of 1-byte data receive
I2C bus interface pin
input level select bit
I2C bus interface
reset bit
Reserved bit
Data format select bit
I C bus interface
enable bit
2
Bit counter
(Number of transmit/receive
bits)
BC2
TISS
IHR
(b5)
ALS
ES0
BC1
BC0
Function
Bit Name
Bit Symbol
0016
After Reset
02E316
Address
Symbol
S1D0
C0 Control Register 0
I2
b7
b3 b2 b1b0
(1)
RW
0: I2C bus input
1: SMBUS input
RW
RW
RW
RW
RW
RW
RW
RW
b2 b1 b0
0 0 0: 8
0 0 1: 7
0 1 0: 6
0 1 1: 5
1 0 0: 4
1 0 1: 3
1 1 0: 2
1 1 1: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com