Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 281Page - Renesas Technology Corp M16C/29 Datasheet HTML 282Page - Renesas Technology Corp M16C/29 Datasheet HTML 283Page - Renesas Technology Corp M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 261
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.6 S3D0 Register
0: SCL output logic value = 0
1: SCL output logic value = 1
0: SDA output logic value = 0
1: SDA output logic value = 1
0: SCL I/O pin
1: Port output pin
0: SDA I/O pin
1: Port output pin
0: Disable the I2C bus interface
interrupt of data receive
completion
1: Enable the I2C bus interface
interrupt of data receive
completion
When setting NACK
(ACK bit = 0), write 0
0: Disable the I2C bus interface
interrupt of STOP condition
detection
1: Enable the I2C bus interface
interrupt of STOP condition
detection
I C bus system clock
selection bits,
if bits ICK4 to ICK2 in the
S4D0 register is 0002
2
The logic value monitor
bit of SCL output
The logic value monitor
bit of SDA output
SCL/port function switch
bit(1)
SDA/port function switch
bit(1)
The interrupt enable bit for
data receive completion
The interrupt enable bit for
STOP condition detection
ICK1
ICK0
SCLM
SDAM
PEC
PED
WIT
SIM
Function
Bit Name
Bit Symbol
001100002
After Reset
02E616
Address
Symbol
S3D0
C0 Control Register 1
I2
b7 b6 b5 b4 b3 b2b1b0
RW
b7 b6
0 0 :
0 1 :
1 0 :
VIIC =1/2 fIIC
=1/4fIIC
=1/8 fIIC
1 1 : Reserved
VIIC
VIIC
RW
RW
RW
RW
RO
RO
RW
RW
NOTE:
1. Bits PED and PEC are enabled when the ES0 bit in the S1D0 register is set to 1 (I2C bus interface enabled).
2. When the PCLK0 bit in the PCLKR register is set to 0, fIIC=f2. When the PCLK0 bit in the PCLKR register is set
to 1, fIIC=f1.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com