Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 283Page - Renesas Technology Corp M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp M16C/29 Datasheet HTML 290Page - Renesas Technology Corp M16C/29 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 263
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.8 S2D0 Register
NOTES:
1. Do not set odd values or 000002 to START/STOP condition setting bits (SSC4 to SSC0)
2. When the PCLK0 bit in the PCLKR register is set to 1.
Oscillation
I2C bus system I2C bus system
SSC4-SSC0(1)
SCL release
Setup time
Hold time
f1
(MHz)
clock select
clock(MHz)
time (cycle)
(cycle)
(cycle)
10
1 / 2f1(2)
5
XXX11110
6.2 µs (31)
3.2 µs (16)
3.0 µs (15)
8
1 / 2f1(2)
4
XXX11010
6.75 µs(27)
3.5 µs (14) 3.25 µs(13)
XXX11000
6.25 µs(25)
3.25 µs (13) 3.0 µs (12)
8
1 / 8f1(2)
1
XXX00100
5.0 µs (5)
3.0 µs (3)
2.0 µs (2)
4
1 / 2f1(2)
2
XXX01100
6.5 µs (13)
3.5 µs (7)
3.0 µs (6)
XXX01010
5.5 µs (11)
3.0 µs (6)
2.5 µs (5)
2
1 / 2f1(2)
1
XXX00100
5.0 µs (5)
3.0 µs (3)
2.0 µs (2)
Table 16.2 Recommended setting (SSC4-SSC0) start/stop condition at each oscillation frequency
0: Short setup/hold time mode
1: Long setup/hold time mode
0: SDA enabled
1: SCL enabled
0: Active in falling edge
1: Active in rising edge
START/STOP condition
generation select bit
SCL/SDA interrupt pin
select bit
SCL/SDA interrupt pin
polarity select bit
START/STOP condition
setting bits(1)
STSPSEL
SIS
SIP
SSC4
SSC3
SSC2
SSC1
SSC0
Function
Bit Name
Bit Symbol
000110102
After Reset
02E516
Address
Symbol
S2D0
C0 Start/stop Condition Control Register
I2
RW
b7 b6 b5 b4 b3 b2b1b0
NOTE:
1. Do not set 000002 or odd values.
RW
RW
RW
RW
RW
RW
RW
RW
Setting for detection condition
of START/STOP condition.
See Table 16.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com