Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp M16C/29 Datasheet HTML 290Page - Renesas Technology Corp M16C/29 Datasheet HTML 291Page - Renesas Technology Corp M16C/29 Datasheet HTML 292Page - Renesas Technology Corp M16C/29 Datasheet HTML 293Page - Renesas Technology Corp M16C/29 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 266
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Setting value of CCR4 to CCR0
SCL frequency (at VIIC=4MHz, unit : kHz) (1)
CCR4 CCR3 CCR2 CCR1 CCR0
Standard clock mode
High-speed clock mode
0
0
0
0
0
Setting disabled
Setting disabled
0
0
0
0
1
Setting disabled
Setting disabled
0
0
0
1
0
Setting disabled
Setting disabled
0
0
0
1
1
- (2)
333
0
0
1
0
0
- (2)
250
0
0
1
0
1
100
400 (3)
0
0
1
1
0
83.3
166
500 / CCR value (3)
1000 / CCR value (3)
1
1
1
0
1
17.2
34.5
1
1
1
1
0
16.6
33.3
1
1
1
1
1
16.1
32.3
NOTES:
1.
The duty of the SCL clock output is 50 %. The duty becomes 35 to 45 % only when high-speed
clock mode is selected and the CCR value = 5 (400 kHz, at VIIC = 4 MHz). “H” duration of the
clock fluctuates from –4 to +2 I2C system clock cycles in standard clock mode, and fluctuates from
–2 to +2 I2C system clock cycles in high-speed clock mode. In the case of negative fluctuation,
the frequency does not increase because the “L” is extended instead of “H” reduction. These are
the values when the SCL clock synchronization by the synchronous function is not performed.
The CCR value is the decimal notation value of the CCR4 to CCR0 bits.
2.
Each value of the SCL frequency exceeds the limit at VIIC = 4 MHz or more. When using these
setting values, use VIIC = 4 MHz or less. Refer to Figure 16.6.
3.
The data formula of SCL frequency is described below:
VIIC/(8 x CCR value) Standard clock mode
VIIC/(4 x CCR value) High-speed clock mode (CCR value
≠ 5)
VIIC/(2 x CCR value) High-speed clock mode (CCR value = 5)
Do not set 0 to 2 as the CCR value regardless of the VIIC frequency. Set 100 kHz (max.) in
standard clock mode and 400 kHz (max.) in high-speed clock mode to the SCL frequency by
setting the CCR4 to CCR0 bits.
Table 16.3 Setting values of S20 register and SCL frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com