Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp M16C/29 Datasheet HTML 290Page - Renesas Technology Corp M16C/29 Datasheet HTML 291Page - Renesas Technology Corp M16C/29 Datasheet HTML 292Page - Renesas Technology Corp M16C/29 Datasheet HTML 293Page - Renesas Technology Corp M16C/29 Datasheet HTML 294Page - Renesas Technology Corp M16C/29 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 267
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.4 I2C0 Control Register 0 (S1D0)
The S1D0 register controls data communication format.
16.4.1 Bits 0 to 2: Bit Counter (BC0–BC2)
Bits BC2 to BC0 decide how many bits are in one byte data transferred next. After the selected num-
bers of bits are transferred successfully, I2C bus interface interrupt request is gnerated and bits BC2 to
BC0 are reset to 0002. At this time, if the ACK-CLK bit in the S20 register is set to 1 (with ACK clock),
one bit for ACK clock is added to the numbers of bits selected by the BC2 to BC0 bits.
In addition, bits BC2 to BC0 become 0002 even though the START condition is detected and the
address data is transferred in 8 bits.
16.4.2 Bit 3: I2C Interface Enable Bit (ES0)
The ES0 bit enables to use the multi-master I2C bus interface. When the ES0 bit is set to 0, I2C bus
interface is disabled and the SDA and SCL pins are placed in a high-h-impedance state. When the
ES0 bit is set to 1, the interface is enabled.
When the ES0 bit is set to 0, the process is followed.
1)The bits in the S10 register are set as MST = 0, TRX = 0, PIN = 1, BB = 0, AL = 0, AAS = 0,
ADR0 = 0
2)The S00 register cannot be written.
3)The TOF bit in the S4D0 register is set to 0 (time-out detection flag is not detected)
4)The I2C system clock (VIIC) stops counting while the internal counter and flags are reset.
16.4.3 Bit 4: Data Format Select Bit (ALS)
The ALS bit determines whether the salve address is recognized. When the ALS bit is set to 0, an
addressing format is selected and a address data is recognized. Only if the comparison is matched
between the slave address stored into the S0D0 register and the received address data or if the
general call is received, the data is transferred. When the ALS bit is set to 1, the free data format is
selected and the slave address is not recognized.
16.4.4 Bit 6: I2C bus Interface Reset Bit (IHR)
The IHR bit is used to reset the I2C bus interface circuit when the error communication occurs.
When the ES0 bit in the S1D0 register is set to 1 (I2C bus interface is enabled), the hardware is reset
by writing 1 to the IHR bit. Flags are processed as follows:
1)The bits in the S10 register are set as MST = 0, TRX = 0, PIN to 1, BB = 0, AL = 0, AAS =
0, and ADR0 = 0
2)The TOF bit in the S4D0 register is set to 0 (time-out detection flag is not detected)
3)The internal counter and flags are reset.
The I2C bus interface circuit is reset after 2.5 VIIC cycles or less, and the IHR bit becomes 0 automati-
cally by writing 1 to the IHR bit. Figure 16.10 shows the reset timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com