Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp M16C/29 Datasheet HTML 290Page - Renesas Technology Corp M16C/29 Datasheet HTML 291Page - Renesas Technology Corp M16C/29 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 264
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.2 I2C0 Address Register (S0D0 register)
The S0D0 register consists of bits SAD6 to SAD0, total of 7. At the addressing is formatted, slave
address is detected automatically and the 7-bit received address data is compared with the contents of
bits SAD6 to SAD0.
16.1 I2C0 Data Shift Register (S00 register)
The S00 register is an 8-bit data shift register to store a received data and to write a transmit data. When a
transmit data is written to the S00 register, the transmit data is synchronized with a SCL clock and the data
is transferred from bit 7. Then, every one bit of the data is transmitted, the register's content is shifted for
one bit to the left. When the SCL clock and the data is imported into the S00 register from bit 0. Every one
bit of the data is imported, the register's content is shifted for one bit to the left. Figure 16.9 shows the
timing to store the receive data to the S00 register.
The S00 register can be written when the ES0 bit in the S1D0 register is set to 1 (I2C0 bus interface
enabled). If the S00 register is written when the ES0 bit is set to 1 and the MST bit in the S10 register is set
to 1 (master mode), the bit counter is reset and the SCL clock is output. Write to the S00 register when the
START condition is generatedor when an "L" signal is applied to the SCL pin. The S00 register can be read
anytime regardless of the ES0 bit value.
Figure 16.9 The Receive Data Storing Timing of S00 Register
Internal SCL
tdfil
Store data at the rising edge of shift clock
Internal SDA
Shift clock
SCL
SDA
tdfil
tdsft
tdfil: Noise elimination circuit delay time
1 to 2 VIIC cycle
tdsft: Shift clock delay time
1 VIIC cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com