Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp M16C/29 Datasheet HTML 290Page - Renesas Technology Corp M16C/29 Datasheet HTML 291Page - Renesas Technology Corp M16C/29 Datasheet HTML 292Page - Renesas Technology Corp M16C/29 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 265
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.3 I2C0 Clock Control Register (S20 register)
The S20 register is used to set theACK control, SCL mode and the SCL frequency.
16.3.1 Bits 0 to 4: SCL Frequency Control Bits (CCR0–CCR4)
These bits control the SCL frequency. See Table 16.3 .
16.3.2 Bit 5: SCL Mode Specification Bit (FAST MODE)
The FAST MODE bit selects SCL mode. When the FAST MODE bit is set to 0, standard clock mode
is entered. When it is set to 1, high-speed clock mode is entered.
When using the high-speed clock mode I2C bus standard (400 kbit/s maximum) to connect buses, set
the FAST MODE bit to 1 (select SCL mode as high-speed clock mode) and use the I2C bus system
clock (VIIC) at 4 MHz or more frequency.
16.3.3 Bit 6: ACK Bit (ACKBIT)
The ACKBIT bit sets the SDA status when an ACK clock(1) is generated. When the ACKBIT bit is set
to 0, ACK is returned and te clock applied to SDA becomes "L" when ACK clock is generated. When
it is set to 1, ACK is not returned and the clock clock applied to SDA maintains "H" at ACK clock
generation.
When the ACKBIT bit is set to 0, the address data is received. When the slave address matches with
the address data, SDA becomes "L" automatically (ACK is returned). When the slave address and the
address data are not matched, SDA becomes "H" (ACK is not returned).
NOTE:
1. ACK clock: Clock for acknowledgment
16.3.4 Bit 7: ACK Clock Bit (ACK-CLK)
The ACK-CLK bit set a clock for data transfer acknowledgement. When the ACK-CLK bit is set to 0,
ACK clock is not generated after data is transferred. When it is set to 1, a master generates ACK clock
every one-bit data transfer is completed. The device, which transmits address data and control data,
leave SDA pin open (apply "H" signal to SDA) when ACK clock is generated. The device which
receives data, receives the generated ACKBIT bit.
NOTE:
1.Do not rewrite the S20 register, other than the ACKBIT bit during data transfer. If data is written
to other than the ACKBIT bit during transfer, the I2C bus clock circuit is reset and the data may
not be transferred successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com