Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 282Page - Renesas Technology Corp M16C/29 Datasheet HTML 283Page - Renesas Technology Corp M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp M16C/29 Datasheet HTML 289Page - Renesas Technology Corp M16C/29 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 262
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.7 S4D0 Register
SCPIN
Reserved bit
ICK4
ICK3
ICK2
TOSEL
TOF
TOE
Function
Bit Name
Bit Symbol
0016
After Reset
02E716
Address
Symbol
S4D0
C0 Control Register 2
I2
RW
b7 b6 b5 b4 b3 b2b1b0
0: Long time
1: Short time
STOP condition detection
interrupt request bit
Set to 0
b5 b4 b3
0 0 0 VIIC set by ICK1 and ICK0
bits in S3D0 register
0 0 1 VIIC = 1/2.5 fIIC
0 1 0 VIIC = 1/3 fIIC
0 1 1 VIIC = 1/5 fIIC
1 0 0 VIIC = 1/6 fIIC
Do not set other than the above values
Time out detection time
select bit
Time out detection flag
Time out detection
function enable bit
I2C bus system clock
select bits
0: No I2C bus interface interrupt
request
1: I2C bus interface interrupt
request
0: Not detected
1: Detected
0: Disabled
1: Enabled
RW
RO
RW
RW
RW
RW
RW
RW
(b6)
(1)
NOTE:
1. When the PCLK0 bit in the PCLKR register is set to 0, fIIC = f2. When the PCLK0 bit is set to 1, fIIC=f1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com