Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 280Page - Renesas Technology Corp M16C/29 Datasheet HTML 281Page - Renesas Technology Corp M16C/29 Datasheet HTML 282Page - Renesas Technology Corp M16C/29 Datasheet HTML 283Page - Renesas Technology Corp M16C/29 Datasheet HTML 284Page - Renesas Technology Corp M16C/29 Datasheet HTML 285Page - Renesas Technology Corp M16C/29 Datasheet HTML 286Page - Renesas Technology Corp M16C/29 Datasheet HTML 287Page - Renesas Technology Corp M16C/29 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 260
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.5 S10 Register
NOTES:
1. This bit is read only if it is used for the status check.
To write to this bit, refer to 16.9 START Condition Generation Method and 16.11 STOP Condition Generation
Method
.
2. Read only. If necessary, set to 0.
3. To write to these bits, refer to 16.9 START Condition Generation Method and 16.11 STOP Condition
Generation Method.
0: Bus free
1: Bus busy
0: Interrupt request issued
1: No interrupt request issued
0: Not detected
1: Detected
0: No address matched
1: Address matched
0: No general call detected
1: General call detected
0: Last bit = 0
1: Last bit = 1
Communication mode select
bits 0
Bus busy flag
I C bus interface interrupt
request bit
2
Arbitration lost detection flag
Slave address comparison flag
General call detecting flag
Last receive bit
MST
TRX
BB
PIN
AL
AAS
ADR0
LRB
Function
Bit Name
Bit Symbol
0001000X2
After Reset
02E816
Address
Symbol
S10
I2
RW
0: Receive mode
1: Transmit mode
b7 b6 b5 b4 b3 b2b1b0
RO(1)
RO(1)
RO(1)
RO(2)
RO(1)
RO(2)
RW(3)
RW(3)
0: Slave mode
1: Master mode
Communication mode select
bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com