Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 290Page - Renesas Technology Corp M16C/29 Datasheet HTML 291Page - Renesas Technology Corp M16C/29 Datasheet HTML 292Page - Renesas Technology Corp M16C/29 Datasheet HTML 293Page - Renesas Technology Corp M16C/29 Datasheet HTML 294Page - Renesas Technology Corp M16C/29 Datasheet HTML 295Page - Renesas Technology Corp M16C/29 Datasheet HTML 296Page - Renesas Technology Corp M16C/29 Datasheet HTML 297Page - Renesas Technology Corp M16C/29 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 270
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.5.5 Bit 4: I2C bus Interface Interrupt Request Bit (PIN)
The PIN bit generates an I2C bus interface interrupt request signal. Every one byte data is ransferred, the
PIN bit is changed from 1 to 0. At the same time, an I2C bus interface interrupt request is generated. The
PIN bit is synchronized with the last clock of the internal transfer clock (when ACK-CLK=1, the last clock
is the ACK clock: when the ACK-CLK=0, the last clock is the 8th clock) and it becomes 0. The interrupt
request is generated on the falling edge of the PIN bit. When the PIN bit is set to 0, the clock applied to
SCL maintains "L" and further clock generation is disabled. When the ACK-CLK bit is set to 1 and the
WIT bit in the S3D0 register is set to 1 (enable the I2C bus interface interrupt of data receive completion).
The PIN bit is synchronized with the last clock and the falling edge of the ACK clock. Then, the PIN bit is
set to 0 and I2C bus interface interrupt request is generated. Figure 16.11 shows the timing of the I2C
bus interface interrupt request generation.
The PIN bit is set to 1 in one of the following conditions:
•When data is written to the S00 register
•When data is written to the S20 register (when the WIT bit is set to 1 and the internal WAIT flag is set
to 1)
•When the ES0 bit in the S1D0 register is set to 0 (I2C bus interface disabled)
•When the IHR bit in the S1D0 register is set to 1(reset)
The PIN bit is set to 0 in one of the following conditions:
•With completion of 1-byte data transmit (including a case when arbitration lost is detected)
•With completion of 1-byte data receive
•When the ALS bit in the S1D0 register is set to 0 (addressing format) and slave address is matched
or general call address is received successfully in slave receive mode
•When the ALS bit is set to 1 (free format) and the address data is received successfully in slave
receive mode
16.5.6 Bit 5: Bus Busy Flag (BB)
The BB flag indicates the operating conditions of the bus system. When the BB flag is set to 0, a bus
system is not in use and a START condition can be generated. The BB flag is set and reset based on an
input signal of the SCL and SDA pins either in master mode or in slave mode. When the START condition
is detected, the BB flag is set to 1. On the other hand, when the STOP condition is detected, the BB flag
is set to 0. Bits SSC4 to SSC0 in the S2D0 register decide to detect between the START condition and
the STOP condition. When the ES0 bit in the S1D0 register is set to 0 (I2C bus interface disabled) or
when the IHR bit in the S1D0 register is set to 1 (reset), the BB flag is set to 0. Refer to 16.9 START
Condition Generation Method and 16.11 STOP Condition Generation Method
.
Figure 16.11 Interrupt request signal generation timing
SCL
PIN flag
I2CIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com