Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 292Page - Renesas Technology Corp M16C/29 Datasheet HTML 293Page - Renesas Technology Corp M16C/29 Datasheet HTML 294Page - Renesas Technology Corp M16C/29 Datasheet HTML 295Page - Renesas Technology Corp M16C/29 Datasheet HTML 296Page - Renesas Technology Corp M16C/29 Datasheet HTML 297Page - Renesas Technology Corp M16C/29 Datasheet HTML 298Page - Renesas Technology Corp M16C/29 Datasheet HTML 299Page - Renesas Technology Corp M16C/29 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 272
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.6 I2C0 Control Register 1 (S3D0 register)
The S3D0 register controls the I2C bus interface circuit.
16.6.1 Bit 0 : Interrupt Enable Bit by STOP Condition (SIM )
The SIM bit enables the I2C bus interface interrupt request by detecting a STOP condition. If the SIM bit
is set to 1, the I2C bus interface interrupt request is generated by the STOP condition detect (no need to
change in the PIN flag).
16.6.2 Bit 1: Interrupt Enable Bit at the Completion of Data Receive (WIT)
If the WIT bit is set to 1 while the ACK-CLK bit in the S20 register is set to 1 (ACK clock), the I2C bus
interface interrupt request is generated and the PIN bit is set to 1 at the falling edge of the last data bit
clock. Then an "L" signal is applied to the SCLMM and the ACK clock generation is controlled. Table 16.4
and Figure 16.12 show the interrupt generation timing and the procedure of communication restart. After
the communication is restarted, the PIN bit is set to 0 again, synchronized with the falling edge of the ACK
clock, and the I2C bus interface interrupt request is generated.
Table16.4 Timing of Interrupt Generation in Data Receive Mode
The internal WAIT flag can be read by reading the WIT bit. The internal WAIT flag is set to 1 after writing
data to the S00 register and it is set to 0 after writing to the S20 register.
Consequently, the I2C bus interface interrupt request generated by the timing 1) or 2) can be determined.
(See Figure 16.12)
When the data is transmitted and the address data is received immediately after the START condition,
the WAIT flag remains 0 regardless of the WIT bit setting, and the I2C bus interface interrupt request is
only generated at the falling edge of the ACK clock. Set the WIT bit to 0 when the ACK-CLK bit in the S20
register is set to 0 (no ACK clock).
I2C bus Interface Interrupt Generation Timing
Procedure of Communication Restart
1) Synchronized with the falling edge of the
Set the ACK bit in the S20 register.
last data bit clock
Set the PIN bit to 1.
(Do not write to the S00 register. The ACK clock
operation may be unstable.)
2) Synchronized with the falling edge of the
Set the S00 register
ACK clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com