Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 294Page - Renesas Technology Corp M16C/29 Datasheet HTML 295Page - Renesas Technology Corp M16C/29 Datasheet HTML 296Page - Renesas Technology Corp M16C/29 Datasheet HTML 297Page - Renesas Technology Corp M16C/29 Datasheet HTML 298Page - Renesas Technology Corp M16C/29 Datasheet HTML 299Page - Renesas Technology Corp M16C/29 Datasheet HTML 300Page - Renesas Technology Corp M16C/29 Datasheet HTML 301Page - Renesas Technology Corp M16C/29 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 274
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.6.6 Address Receive in STOP/WAIT Mode
When WAIT mode is entered after the CM02 bit in the CM0 register is set to 0 (do not stop the peripheral
function clock in wait mode), the I2C bus interface circuit can receive address data in WAIT mode. How-
ever, the I2C bus interface circuit is not operated in STOP mode or in low power consumption mode,
because the I2C bus system clock VIIC is not supplied.
16.6.4 Bits 4,5 : SDA/SCL Logic Output Value Monitor Bits SDAM/SCLM
Bits SDAM/SCLM can monitor the logic value of the SDA and SCL output signals from the I2C bus
interface circuit. The SDAM bit monitors the SDA output logic value. The SCLM bit monitors the SCL
output logic value. The SDAM and SCLM bits are read-only. If necessary, set them to 0.
16.6.5 Bits 6,7 : I2C System Clock Select Bits ICK0, ICK1
The ICK1 bit, ICK0 bit, bits ICK4 to ICK2 in the S4D0 register, and the PCLK0 bit in the PCLKR register
can select the system clock (VIIC) of the I2C bus interface circuit.
The I2C bus system clock VIIC can be selected among 1/2 fIIC, 1/2.5 fIIC, 1/3 fIIC, 1/4 fIIC, 1/5 fIIC, 1/6 fIIC
and 1/8 fIIC. fIIC can be selected between f1 and f2 by the PCLK0 bit setting.
I3CK4[S4D0] ICK3[S4D0]
ICK2[S4D0]
ICK1[S3D0]
ICK0[S3D0]
I2C system clock
0
0
000
VIIC = 1/2 fIIC
0
0
001
VIIC = 1/4 fIIC
0
0
010
VIIC = 1/8 fIIC
001
X
X
VIIC = 1/2.5 fIIC
010
X
X
VIIC = 1/3 fIIC
011
X
X
VIIC = 1/5 fIIC
100
X
X
VIIC = 1/6 fIIC
Table 16.6 I2C system clock select bits
( Do not set the combination other than the above)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com