Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 297Page - Renesas Technology Corp M16C/29 Datasheet HTML 298Page - Renesas Technology Corp M16C/29 Datasheet HTML 299Page - Renesas Technology Corp M16C/29 Datasheet HTML 300Page - Renesas Technology Corp M16C/29 Datasheet HTML 301Page - Renesas Technology Corp M16C/29 Datasheet HTML 302Page - Renesas Technology Corp M16C/29 Datasheet HTML 303Page - Renesas Technology Corp M16C/29 Datasheet HTML 304Page - Renesas Technology Corp M16C/29 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 277
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.8 I2C0 START/STOP Condition Control Register (S2D0 Register)
The S2D0 register controls the START/STOP condition detections.
16.8.1 Bit0-Bit4: START/STOP Condition Setting Bits (SSC0-SSC4)
The SCL release time and the set-up and hold times are mesured on the base of the I2C bus system clock
(VIIC). Therefore, the detection conditions changes, depending on the oscillation frequency (XIN) and the
I2C bus system clock select bits. It is necessary to set bits SSC4 to SSC0 to the appropriate value to set
the SCL release time, the set-up and hold times by the system clock frequency (See Table 16.10). Do
not set odd numbers or 000002 to bits SSC4 to SSC0. Table 16.2 shows the reference value to bits
SSC4 to SSC0 at each oscillation frequency in standard clock mode. The detection of START/STOP
conditions starts immediately after the ES0 bit in the S1D0 register is set to 1 (I2C bus interface enabled).
16.8.2 Bit5: SCL/SDA Interrupt Pin Polarity Select Bit (SIP)
The The SIP bit detect the rising edge or the falling edge of the SCLMM or SDAMM to generate SCL/SDA
interrupts. The SIP bit selects the polarity of the SCLMM or the SDAMM for interrupt.
16.8.3 Bit6 : SCL/SDA Interrupt Pin Select Bit (SIS)
The SIS bit selects a pin to enable SCL/SDA interrupt.
NOTE:
1. The SCL/SDA interrupt request may be set when changing the SIP, SIS and ES0 bit settings in the
S1D0 register. When using the SCL/SDA interrupt, set the above bits, while the SCL/SDA interrupt
is disabled. Then, enable the SCL/SDA interrupt after setting the SCL/SDA bit in the IR register to 0.
16.8.4 Bit7: START/STOP Condition Generation Select Bit (STSPSEL)
The STSPSEL bit selects the set-up/hold times, based on the I2C system clock cycles, when the START/
STOP condition is generated (See Table 16.8). Set the STSPSEL bit to 1 if the I2C bus system clock
frequency is over 4MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com