Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 301Page - Renesas Technology Corp M16C/29 Datasheet HTML 302Page - Renesas Technology Corp M16C/29 Datasheet HTML 303Page - Renesas Technology Corp M16C/29 Datasheet HTML 304Page - Renesas Technology Corp M16C/29 Datasheet HTML 305Page - Renesas Technology Corp M16C/29 Datasheet HTML 306Page - Renesas Technology Corp M16C/29 Datasheet HTML 307Page - Renesas Technology Corp M16C/29 Datasheet HTML 308Page - Renesas Technology Corp M16C/29 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 281
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.12 START/STOP Condition Detect Operation
Figure 16.18
, Figure 16.19 and Table 16.10 show START/STOP condition detect operations. Bits SSC4
to SSC0 in the S2D0 register set the START/STOP conditions. The START/STOP condition can be de-
tected only when the input signal of the SCLMM and SDAMM met the following conditions: the SCL release
time, the set-up time, and the hold time (see Table 16.10). The BB flag in the S10 register is set to 1 when
the START condition is detected and it is set to 0 when the STOP condition is detected. The BB flag set and
reset timing varies between standard clock mode and high-speed clock mode. See Table 16.10.
Figure 16.18 Start condition detection timing diagram
Figure 16.19 Stop condition detection timing diagram
Standard clock mode
High-speed clock mode
SCL release time
SSC value + 1 cycle (6.25µs)
4 cycles (1.0µs)
Setup time
SSC value + 1 cycle < 4.0µs (3.25µs)
2 cycles (0.5µs)
2
Hold time
SSC value cycle < 4.0µs (3.0µs)
2 cycles (0.5µs)
2
BB flag set/reset
SSC value - 1 +2 cycles (3.375µs)
3.5 cycles (0.875µs)
time
2
Table 16.10 Start/Stop detection timing table
SCL release time
Hold time
Setup time
BB flag
set time
BB flag
SDA
SCL
BB flag
SDA
SCL
SCL release time
Hold time
Setup time
BB flag
set time
NOTE:
1. Unit : number of cycle for I2C system clock VIIC
The SSC value is the decimal notation value of bits SSC4 to SSC0. Do not set 0 or odd numbers to the SSC
setting. The values in ( ) are examples when the S2D0 register is set to 1816 at VIIC = 4 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com