Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 302Page - Renesas Technology Corp M16C/29 Datasheet HTML 303Page - Renesas Technology Corp M16C/29 Datasheet HTML 304Page - Renesas Technology Corp M16C/29 Datasheet HTML 305Page - Renesas Technology Corp M16C/29 Datasheet HTML 306Page - Renesas Technology Corp M16C/29 Datasheet HTML 307Page - Renesas Technology Corp M16C/29 Datasheet HTML 308Page - Renesas Technology Corp M16C/29 Datasheet HTML 309Page - Renesas Technology Corp M16C/29 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 282
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.13 Address Data Communication
This section describes data transmit control when a master transferes data or a slave receives data in 7-bit
address format. Figure 16.20 (1) shows a master transmit format.
Figure 16.20 Address data communication format
16.13.1 Example of Master Transmit
For example, a master transmits data as shown below when following conditions are met: standard clock
mode, SCL clock frequency of 100kHz and ACK clock added.
1) Set s slave address to the 7 high-order bits in the S0D0 register
2) Set 8516 to the S20 register, 0002 to bits ICK4 to ICK2 in the S4D0 register and 0016 to the S3D0
registe to generate an ACK clock and set SCL clock frequency t 100 kHz (f1=8MHz, fIIC=f1)
3) Set 0016 to the S10 register to reset transmit/receive
4) Set 0816 to the S1D0 register to enable data communication
5) Confirm whether the bus is free by BB flag setting in the S10 register
6) Set E016 to the S10 register to enter START condition standby mode
7) Set the destination address in 7 high-order bits and 0 to a least significant bit in the S00 register to
generate START condition. At this time, the first byte consisting of SCL and ACK clock are auto-
matically generated
8) Set a transmit data to the S00 register. At this time, SCL and an ACK clock are automatically
generated
9) When transmitting more than 1-byte control data, repeat the above step 8).
10) Set C016 in the S10 register to enter STOP condition standby mode if ACK is not returned from the
slave receiver or if the transmit is completed
11) Write dummy data to the S00 regiser to generate STOP condition
1 - 8 bits
S: START condition
P: STOP condition
A: ACK bit
R/W: Read/Write bit
S
Slave address
R/W
A
Data
AA/A
P
SR/W
A
A
A
P
1
Data
Data
Data
Slave address
7 bits
(1) A master transmit device transmits data to a receive device
(2) A master receive device receives data from a transmit device
1 - 8 bits
1 - 8 bits
0
7 bits
1 - 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com