Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 304Page - Renesas Technology Corp M16C/29 Datasheet HTML 305Page - Renesas Technology Corp M16C/29 Datasheet HTML 306Page - Renesas Technology Corp M16C/29 Datasheet HTML 307Page - Renesas Technology Corp M16C/29 Datasheet HTML 308Page - Renesas Technology Corp M16C/29 Datasheet HTML 309Page - Renesas Technology Corp M16C/29 Datasheet HTML 310Page - Renesas Technology Corp M16C/29 Datasheet HTML 311Page - Renesas Technology Corp M16C/29 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 284
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.14 Precautions
(1) Access to the registers of I2C bus interface circuit
The following is precautions when read or write the control registers of I2C bus interface circuit
•S00 register
Do not rewrite the S00 register during data transfer. If the bits in the S00 register are rewritten, the bit
counter for transfer is reset and data may not be transferred successfully.
•S1D0 register
Bits BC2 o BC0 are set to 0002 when START condition is detected or when 1-byte data transfer is
completed. Do not read or write the S1D0 register at this timing. Otherwise, data may be read or
written unsuccessfully. Figure 16.22 and Figure 16.23 show the bit counter reset timing.
•S20 register
Do not rewrite the S20 register except the ACKBIT bit during transfer. If the bits in the S20 register
except ACKBIT bit are rewritten, the I2C bus clock circuit is reset and data may be transferred incom-
pletely.
•S3D0 register
Rewrite bits ICK4 to ICK0 in the S3D0 register when the ES0 bit in the S1D0 register is set to 0 (I2C bus
interface is disabled). When the WIT bit is read, the internal WAIT flag is read. Therefore, do not use
the bit managing instruction(read-modify-write instruction) to access the S3D0 register.
•S10 register
Do not use the bit managing instruction (read-modify-write instruction) because all bits in the S10
register will be changed, depending on the communication conditions. Do not read/write when te
communication mode select bits, bits MST and TRX, are changing their value. Otherwise, data may be
read or written unsuccessfully. Figure16.21 to Figure 16.23 show the timing when bits MST and TRX
change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com