Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 307Page - Renesas Technology Corp M16C/29 Datasheet HTML 308Page - Renesas Technology Corp M16C/29 Datasheet HTML 309Page - Renesas Technology Corp M16C/29 Datasheet HTML 310Page - Renesas Technology Corp M16C/29 Datasheet HTML 311Page - Renesas Technology Corp M16C/29 Datasheet HTML 312Page - Renesas Technology Corp M16C/29 Datasheet HTML 313Page - Renesas Technology Corp M16C/29 Datasheet HTML 314Page - Renesas Technology Corp M16C/29 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 287
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17. CAN Module
The CAN (Controller Area Network) module for the M16C/29 Group of MCUs is a communication controller
implementing the CAN 2.0B protocol. The M16C/29 Group contains one CAN module which can transmit
and receive messages in both standard (11-bit) ID and extended (29-bit) ID formats.
Figure 17.1
shows a block diagram of the CAN module.
External CAN bus driver and receiver are required.
Figure 17.1 Block Diagram of CAN Module
CTx/CRx:
CAN I/O pins.
Protocol controller:
This controller handles the bus arbitration and the CAN protocol services, i.e. bit
timing, stuffing, error status etc.
Message box:
This memory block consists of 16 slots that can be configured either as transmitter
or receiver. Each slot contains an individual ID, data length code, a data field
(8 bytes) and a time stamp.
Acceptance filter:
This block performs filtering operation for received messages. For the filtering
operation, the C0GMR register, the C0LMAR register, or the C0LMBR register is
used.
16 bit timer:
Used for the time stamp function. When the received message is stored in the
message memory, the timer value is stored as a time stamp.
Wake-up function:
CAN0 wake-up interrupt request is generated by a message from the CAN bus.
Interrupt generation function: The interrupt requests are generated by the CAN module. CAN0 successful
reception interrupt, CAN0 successful transmission interrupt, CAN0 error interrupt
and CAN0 wake-up interrupt.
C0CONR Register
C0CTLR Register
C0IDR Register
j = 0 to 15
Interrupt
Generation
Function
Message Box
slots 0 to 15
Message ID
DLC
Message Data
Time Stamp
CTX
CRX
C0GMR Register
C0LMAR Register
C0LMBR Register
CAN0 Successful Reception Int
CAN0 Successful Transmission Int
CAN0 Error Int
CAN0 Wake-Up Int
Data Bus
Data Bus
C0MCTLj Register
C0TSR Register
16 Bit Timer
Acceptance Filter
slots 0 to 15
Protocol
Controller
Wake Up
Function
C0SSTR Register
C0ICR Register
C0STR Register
C0RECR Register
C0TECR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com