Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 309Page - Renesas Technology Corp M16C/29 Datasheet HTML 310Page - Renesas Technology Corp M16C/29 Datasheet HTML 311Page - Renesas Technology Corp M16C/29 Datasheet HTML 312Page - Renesas Technology Corp M16C/29 Datasheet HTML 313Page - Renesas Technology Corp M16C/29 Datasheet HTML 314Page - Renesas Technology Corp M16C/29 Datasheet HTML 315Page - Renesas Technology Corp M16C/29 Datasheet HTML 316Page - Renesas Technology Corp M16C/29 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 289
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.1.1 CAN0 Message Box
Table 17.1
shows the memory mapping of the CAN0 message box.
It is possible to access to the message box in byte or word.
Mapping of the message contents differs from byte access to word access. Byte access or word access
can be selected by the MsgOrder bit of the C0CTLR register.
Table 17.1 Memory Mapping of CAN0 Message Box
Message content (Memory mapping)
Byte access (8 bits)
Word access (16 bits)
006016 + n • 16 + 0
SID10 to SID6
SID5 to SID0
006016 + n • 16 + 1
SID5 to SID0
SID10 to SID6
006016 + n • 16 + 2
EID17 to EID14
EID13 to EID6
006016 + n • 16 + 3
EID13 to EID6
EID17 to EID14
006016 + n • 16 + 4
EID5 to EID0
Data Length Code (DLC)
006016 + n • 16 + 5
Data Length Code (DLC)
EID5 to EID0
006016 + n • 16 + 6
Data byte 0
Data byte 1
006016 + n • 16 + 7
Data byte 1
Data byte 0
••
•
••
•
••
•
006016 + n • 16 + 13
Data byte 7
Data byte 6
006016 + n • 16 + 14
Time stamp high-order byte Time stamp low-order byte
006016 + n • 16 + 15
Time stamp low-order byte Time stamp high-order byte
Address
n = 0 to 15: the number of the slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com