Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 306Page - Renesas Technology Corp M16C/29 Datasheet HTML 307Page - Renesas Technology Corp M16C/29 Datasheet HTML 308Page - Renesas Technology Corp M16C/29 Datasheet HTML 309Page - Renesas Technology Corp M16C/29 Datasheet HTML 310Page - Renesas Technology Corp M16C/29 Datasheet HTML 311Page - Renesas Technology Corp M16C/29 Datasheet HTML 312Page - Renesas Technology Corp M16C/29 Datasheet HTML 313Page - Renesas Technology Corp M16C/29 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 286
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
(2) Generation of RESTART condition
In order to generate a RESTART condition after 1-byte data transfer, write E016 to the S10 register,
enter START condition standby mode and leave the SDAMM open. Generate a START condition trigger
by setting the S00 register after inserting a sufficient software wait until the SDAMM outputs a high-level
("H") signal. Figure 16.24 shows the RESTART condition generation timing.
Figure 16.24 The time of generation of RESTART condition
8 clocks
ACK clock
SCL
S10 writing signal
(START condition setting standby)
SDA
S00 writing signal
(START condition triger generation)
Insert software wait
(3) Iimitation of CPU clock
When the CM07 bit in the CM0 register is set to 1 (subclock), each register of the I2C bus interface
circuit cannot be read or written. Read or write data when the CM07 bit is set to 0 (main clock, PLL
clock, or on-chip oscillator clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com