Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 308Page - Renesas Technology Corp M16C/29 Datasheet HTML 309Page - Renesas Technology Corp M16C/29 Datasheet HTML 310Page - Renesas Technology Corp M16C/29 Datasheet HTML 311Page - Renesas Technology Corp M16C/29 Datasheet HTML 312Page - Renesas Technology Corp M16C/29 Datasheet HTML 313Page - Renesas Technology Corp M16C/29 Datasheet HTML 314Page - Renesas Technology Corp M16C/29 Datasheet HTML 315Page - Renesas Technology Corp M16C/29 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 288
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.1 CAN Module-Related Registers
The CAN0 module has the following registers.
(1) CAN Message Box
A CAN module is equipped with 16 slots (16 bytes or 8 words each). Slots 14 and 15 can be used as Basic
CAN.
• Priority of the slots: The smaller the number of the slot, the higher the priority, in both transmission and
reception.
• A program can define whether a slot is defined as transmitter or receiver.
(2) Acceptance Mask Registers
A CAN module is equipped with 3 masks for the acceptance filter.
• CAN0 global mask register (C0GMR register: 6 bytes)
Configuration of the masking condition for acceptance filtering processing to slots 0 to 13
• CAN0 local mask A register (C0LMAR register: 6 bytes)
Configuration of the masking condition for acceptance filtering processing to slot 14
• CAN0 local mask B register (C0LMBR register: 6 bytes)
Configuration of the masking condition for acceptance filtering processing to slot 15
(3) CAN SFR Registers
• CAN0 message control register j (C0MCTLj register: 8 bits ✕ 16) (j = 0 to 15)
Control of transmission and reception of a corresponding slot
• CANi control register (CiCTLR register: 16 bits) (i = 0, 1)
Control of the CAN protocol
• CAN0 status register (C0STR register: 16 bits)
Indication of the protocol status
• CAN0 slot status register (C0SSTR register: 16 bits)
Indication of the status of contents of each slot
• CAN0 interrupt control register (C0ICR register: 16 bits)
Selection of “interrupt enabled or disabled” for each slot
• CAN0 extended ID register (C0IDR register: 16 bits)
Selection of ID format (standard or extended) for each slot
• CAN0 configuration register (C0CONR register: 16 bits)
Configuration of the bus timing
• CAN0 receive error count register (C0RECR register: 8 bits)
Indication of the error status of the CAN module in reception: the counter value is incremented or
decremented according to the error occurrence.
• CAN0 transmit error count register (C0TECR register: 8 bits)
Indication of the error status of the CAN module in transmission: the counter value is incremented or
decremented according to the error occurrence.
• CAN0 time stamp register (C0TSR register: 16 bits)
Indication of the value of the time stamp counter
• CAN0 acceptance filter support register (C0AFS register: 16 bits)
Decoding the received ID for use by the acceptance filter support unit
Explanation of each register is given as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com