Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 313Page - Renesas Technology Corp M16C/29 Datasheet HTML 314Page - Renesas Technology Corp M16C/29 Datasheet HTML 315Page - Renesas Technology Corp M16C/29 Datasheet HTML 316Page - Renesas Technology Corp M16C/29 Datasheet HTML 317Page - Renesas Technology Corp M16C/29 Datasheet HTML 318Page - Renesas Technology Corp M16C/29 Datasheet HTML 319Page - Renesas Technology Corp M16C/29 Datasheet HTML 320Page - Renesas Technology Corp M16C/29 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 293
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 17.7 C0CTLR Register
17.1.3.2 C0CTLR Register
Figure 17.7
shows the C0CTLR register.
Bit Symbol
Bit Name
Function
Reset
CAN module
reset bit
(Note 1)
Loop back mode
LoopBack
select bit
(2)
Message order
MsgOrder
BasicCAN
Basic CAN mode
select bit
(2)
select bit
(2)
BusErrEn
Bus error interrupt
enable bit (2)
Sleep
Sleep mode
select bit (2, 3)
CAN port enable bit
(2, 3)
PortEn
-
(b7)
CAN0 Control Register
Symbol
Address
After reset
C0CTLR
X00000012
021016
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. When the Reset bit is set to 1 (CAN reset/initialization mode), check that the State_Reset bit in the C0STR register is set to 1 (Reset mode).
2. Change this bit only in the CAN reset/initialization mode.
3. When using CAN0 wake-up interrupt, set these bits to 1.
4. When the PortEn bit is set to 1, set the PD9_2 bit in the PD9 register to 0.
RW
RW
RW
RW
RW
RW
RW
RW
-
0: Operation mode
1: Reset/initialization mode
0: Word access
1: Byte access
0: Basic CAN mode disabled
1: Basic CAN mode enabled
0: Loop back mode disabled
1: Loop back mode enabled
0: Bus error interrupt disabled
1: Bus error interrupt enabled
0: Sleep mode disabled
1: Sleep mode enabled; clock supply stopped
0: I/O port function
1: CTx/CRx function(4)
(b15)
(b8)
b7
b6
b5
b4
b3
b2
b1
b0
Bit Symbol
Bit Name
Function
TSPreScale
Bit1, Bit0
TSReset
RXOnly
RetBusOff
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
XX0X00002
Symbol
Address
After reset
C0CTLR
021116
b1 b0
NOTES:
1. When the TSReset bit is set to 1, the C0TSR register is set to 000016. After this, the bit is automatically set to 0.
2. When the RetBusOff bit is set to 1, registers C0RECR and C0TECR are set to 0016. After this, the bit is automatically set to 0.
3. Change this bit only in the CAN reset/initialization mode.
4. When the listen-only mode is selected, do not request the transmission.
RW
RW
RW
RW
-
RW
-
0 0: Period of 1 bit time
0 1: Period of 1/2 bit time
1 0: Period of 1/4 bit time
1 1: Period of 1/8 bit time
0: In an idle state
1: Force reset of the time stamp counter
0: Listen-only mode disabled
1: Listen-only mode enabled (4)
0: In an idle state
1: Force return from bus off
Time stamp
prescaler(3)
Time stamp counter
reset bit(1)
Return from bus off
command bit(2)
Listen-only mode
select bit (3)
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
-
(b4)
-
(b7-b6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com