Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 315Page - Renesas Technology Corp M16C/29 Datasheet HTML 316Page - Renesas Technology Corp M16C/29 Datasheet HTML 317Page - Renesas Technology Corp M16C/29 Datasheet HTML 318Page - Renesas Technology Corp M16C/29 Datasheet HTML 319Page - Renesas Technology Corp M16C/29 Datasheet HTML 320Page - Renesas Technology Corp M16C/29 Datasheet HTML 321Page - Renesas Technology Corp M16C/29 Datasheet HTML 322Page - Renesas Technology Corp M16C/29 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 295
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 17.9 C0SSTR Register
17.1.3.4 C0SSTR Register
Figure 17.9
shows the C0SSTR register.
(b15)
(b8)
b7
b0 b7
b0
Function
Slot status bits
Each bit corresponds to the slot with the
same number
0: Reception slot
The message has been read.
Transmission slot
Transmission is not completed.
1: Reception slot
The message has not been read.
Transmission slot
Transmission is completed
CAN0 Slot Status Register
RW
RO
Symbol
Address
After Reset
C0SSTR
021516, 021416
000016
Setting Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com