Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 317Page - Renesas Technology Corp M16C/29 Datasheet HTML 318Page - Renesas Technology Corp M16C/29 Datasheet HTML 319Page - Renesas Technology Corp M16C/29 Datasheet HTML 320Page - Renesas Technology Corp M16C/29 Datasheet HTML 321Page - Renesas Technology Corp M16C/29 Datasheet HTML 322Page - Renesas Technology Corp M16C/29 Datasheet HTML 323Page - Renesas Technology Corp M16C/29 Datasheet HTML 324Page - Renesas Technology Corp M16C/29 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 297
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 17.12 C0CONR Register
17.1.3.7 C0CONR Register
Figure 17.12
shows the C0CONR register.
C0CONR
b7
b6
b5
b4
b3
b2
b1
b0
Bit symbol
Bit name
Function
0: One time sampling
1: Three times sampling
0 0 0 0: Divide-by-1 of fCAN
0 0 0 1: Divide-by-2 of fCAN
0 0 1 0: Divide-by-3 of fCAN
1 1 1 0: Divide-by-15 of fCAN
1 1 1 1: Divide-by-16 of fCAN (1)
0 0 0: 1Tq
0 0 1: 2Tq
0 1 0: 2Tq
1 1 0: 7Tq
1 1 1: 8Tq
(b15)
(b8)
b7
b6
b5
b4
b3
b2
b1
b0
Bit symbol
Bit name
Function
RW
RW
RW
RW
Phase buffer
segment 1
control bits
Phase buffer
segment 2
control bits
Resynchronization
jump width
control bits
CAN0 Configuration Register(2)
C0CONR
b3 b2 b1 b0
b7 b6 b5
b2 b1b0
b5 b4 b3
b7 b6
021A16
NOTES:
1. fCAN serves for the CAN clock. The period is decided by configuration of the CCLKi bits (i = 0 to 2) in the CCLKR register.
2.
Set the C0CONR register only when the CAN module is in CAN reset / initialization mode.
Symbol
Address
Symbol
Address
Prescaler division
ratio select bits
Propagation time
segment control bits
RW
RW
RW
RW
021B16
0 0 0: Do not set
0 0 1: 2Tq
0 1 0: 3Tq
1 1 0: 7Tq
1 1 1: 8Tq
0 0 0: Do not set
0 0 1: 2Tq
0 1 0: 3Tq
1 1 0: 7Tq
1 1 1: 8Tq
0 0: 1Tq
0 1: 2Tq
1 0: 3Tq
1 1: 4Tq
After reset
Undefined
After Reset
Undefined
BRP
SAM
PTS
PBS1
PBS2
SJW
Sampling control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com