Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 321Page - Renesas Technology Corp M16C/29 Datasheet HTML 322Page - Renesas Technology Corp M16C/29 Datasheet HTML 323Page - Renesas Technology Corp M16C/29 Datasheet HTML 324Page - Renesas Technology Corp M16C/29 Datasheet HTML 325Page - Renesas Technology Corp M16C/29 Datasheet HTML 326Page - Renesas Technology Corp M16C/29 Datasheet HTML 327Page - Renesas Technology Corp M16C/29 Datasheet HTML 328Page - Renesas Technology Corp M16C/29 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 301
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.2.2 CAN Operating Mode
The CAN operating mode is activated by setting the Reset bit in the C0CTLR register to 0. If the Reset bit
is set to 0, check that the State_Reset bit in the C0STR register is set to 0.
If 11 consecutive recessive bits are detected after entering the CAN operating mode, the module initiates
the following functions:
• The module's communication functions are released and it becomes an active node on the network
and may transmit and receive CAN messages.
• Release the internal fault confinement logic including receive and transmit error counters. The
module may leave the CAN operating mode depending on the error counts.
Within the CAN operating mode, the module may be in three different sub modes, depending on which
type of communication functions are performed:
• Module idle : The modules receive and transmit sections are inactive.
• Module receives : The module receives a CAN message sent by another node.
• Module transmits : The module transmits a CAN message. The module may receive its own
message simultaneously when the LoopBack bit in the C0CTLR register = 1
(Loop back mode enabled).
Figure 17.18
shows sub modes of the CAN operating mode.
Finish
reception
Module idle
TrmState = 0
RecState = 0
TrmState = 1
RecState = 0
Finish
transmission
Detect
an SOF
Start
transmission
Lost in arbitration
Module transmits
TrmState = 0
RecState = 1
Module receives
TrmState, RecState: Bits in the C0STR register
Figure 17.18 Sub Modes of CAN Operating Mode
17.2.3 CAN Sleep Mode
The CAN sleep mode is activated by setting the Sleep bit in the C0CTLR register to 1. It should never be
activated from the CAN operating mode but only via the CAN reset/initialization mode.
Entering the CAN sleep mode instantly stops the clock supply to the module and thereby reduces power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com