Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 324Page - Renesas Technology Corp M16C/29 Datasheet HTML 325Page - Renesas Technology Corp M16C/29 Datasheet HTML 326Page - Renesas Technology Corp M16C/29 Datasheet HTML 327Page - Renesas Technology Corp M16C/29 Datasheet HTML 328Page - Renesas Technology Corp M16C/29 Datasheet HTML 329Page - Renesas Technology Corp M16C/29 Datasheet HTML 330Page - Renesas Technology Corp M16C/29 Datasheet HTML 331Page - Renesas Technology Corp M16C/29 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 304
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.3.2 Bit-rate
Bit-rate depends on f1, the division value of the CAN module system clock, the division value of the baud
rate prescaler, and the number of Tq of one bit.
Table 17.2
shows the examples of bit-rate.
Table 17.2 Examples of Bit-rate
Calculation of Bit-rate
f1
2 ✕ “fCAN division value (Note 1)” ✕ “baud rate prescaler division value (Note 2)” ✕ “number of Tq of one bit”
Note 1: fCAN division value = 1, 2, 4, 8, 16
fCAN division value: a value selected in the CCLKR register
Note 2: Baud rate prescaler division value = P + 1 (P: 0 to 15)
P: a value selected in the BRP bit in the C0CONR register
NOTE:
1. The number in ( ) indicates a value of “fCAN division value” multiplied by “baud rate prescaler division value”.
Bit-rate
20MHz
16MHz
10MHz
8MHz
1Mbps
10Tq (1)
8Tq (1)
--
500kbps
10Tq (2)
8Tq (2)
10Tq (1)
8Tq (1)
20Tq (1)
16Tq (1)
--
125kbps
10Tq (8)
8Tq (8)
10Tq (4)
8Tq (4)
20Tq (4)
16Tq (4)
20Tq (2)
16Tq (2)
83.3kbps
10Tq (12)
8Tq (12)
10Tq (6)
8Tq (6)
20Tq (6)
16Tq (6)
20Tq (3)
16Tq (3)
33.3kbps
10Tq (30)
8Tq (30)
10Tq (15)
8Tq (15)
20Tq (15)
16Tq (15)
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com