Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 328Page - Renesas Technology Corp M16C/29 Datasheet HTML 329Page - Renesas Technology Corp M16C/29 Datasheet HTML 330Page - Renesas Technology Corp M16C/29 Datasheet HTML 331Page - Renesas Technology Corp M16C/29 Datasheet HTML 332Page - Renesas Technology Corp M16C/29 Datasheet HTML 333Page - Renesas Technology Corp M16C/29 Datasheet HTML 334Page - Renesas Technology Corp M16C/29 Datasheet HTML 335Page - Renesas Technology Corp M16C/29 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 308
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.7 Return from Bus off Function
When the protocol controller enters bus off state, it is possible to make it forced return from bus off state by
setting the RetBusOff bit in the C0CTLR register to 1 (Force return from bus off). At this time, the error state
changes from bus off state to error active state. If the RetBusOff bit is set to 1, registers C0RECR and
C0TECR are initialized and the State_Reset bit in the C0STR register is set to 0 (The CAN module is not in
error bus off state). However, registers of the CAN module such as C0CONR register and the content of
each slot are not initialized.
17.8 Time Stamp Counter and Time Stamp Function
When the C0TSR register is read, the value of the time stamp counter at the moment is read. The period of
the time stamp counter reference clock is the same as that of 1 bit time that is configured by the C0CONR
register. The time stamp counter functions as a free run counter.
The 1 bit time period can be divided by 1 (undivided), 2, 4 or 8 to produce the time stamp counter reference
clock. Use the TSPreScale bit in the C0CTLR register to select the divide-by-n value.
The time stamp counter is equipped with a register that captures the counter value when the protocol
controller regards it as a successful reception. The captured value is stored when a time stamp value is
stored in a reception slot.
17.9 Listen-Only Mode
When the RXOnly bit in the C0CTLR register is set to 1, the module enters listen-only mode.
In listen-only mode, no transmission -- data frames, error frames, and ACK response -- is performed to bus.
When listen-only mode is selected, do not request the transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com