Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 329Page - Renesas Technology Corp M16C/29 Datasheet HTML 330Page - Renesas Technology Corp M16C/29 Datasheet HTML 331Page - Renesas Technology Corp M16C/29 Datasheet HTML 332Page - Renesas Technology Corp M16C/29 Datasheet HTML 333Page - Renesas Technology Corp M16C/29 Datasheet HTML 334Page - Renesas Technology Corp M16C/29 Datasheet HTML 335Page - Renesas Technology Corp M16C/29 Datasheet HTML 336Page - Renesas Technology Corp M16C/29 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 309
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.10 Reception and Transmission
Configuration of CAN Reception and Transmission Mode
Table 17.3
shows configuration of CAN reception and transmission mode.
Table 17.3 Configuration of CAN Reception and Transmission Mode
TrmReq, RecReq, Remote, RspLock, RemActive, RspLock: Bits in the C0MCTLj register (j = 0 to 15)
When configuring a slot as a reception slot, note the following points.
(1) Before configuring a slot as a reception slot, be sure to set the C0MCTLj register (j = 0 to 15) to 0016.
(2) A received message is stored in a slot that matches the condition first according to the result of
reception mode configuration and acceptance filtering operation. Upon deciding in which slot to
store, the smaller the number of the slot is, the higher priority it has.
(3) In normal CAN operating mode, when a CAN module transmits a message of which ID matches, the
CAN module never receives the transmitted data. In loop back mode, however, the CAN module
receives back the transmitted data. In this case, the module does not return ACK.
When configuring a slot as a transmission slot, note the following points.
(1) Before configuring a slot as a transmission slot, be sure to set the C0MCTLj registers to 0016.
(2) Set the TrmReq bit in the C0MCTLj register to 0 (not transmission slot) before rewriting a transmission
slot.
(3) A transmission slot should not be rewritten when the TrmActive bit in the C0MCTLj register is 1
(transmitting).
If it is rewritten, an undefined data will be transmitted.
TrmReq RecReq Remote RspLock
Communication mode of the slot
00
--
Communication environment configuration mode:
configure the communication mode of the slot.
0
1
0
0
Configured as a reception slot for a data frame.
1
0
1
0
Configured as a transmission slot for a remote frame. (At this time
the RemActive = 1.)
After completion of transmission, this functions as a reception slot
for a data frame. (At this time the RemActive = 0.)
However, when an ID that matches on the CAN bus is detected
before remote frame transmission, this immediately functions as
a reception slot for a data frame.
1
0
0
0
Configured as a transmission slot for a data frame.
0
1
1
1/0
Configured as a reception slot for a remote frame. (At this time
the RemActive = 1.)
After completion of reception, this functions as a transmission slot
for a data frame. (At this time the RemActive = 0.)
However, transmission does not start as long as RspLock bit
remains 1; thus no automatic response.
Response (transmission) starts when the RspLock bit is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com