Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 325Page - Renesas Technology Corp M16C/29 Datasheet HTML 326Page - Renesas Technology Corp M16C/29 Datasheet HTML 327Page - Renesas Technology Corp M16C/29 Datasheet HTML 328Page - Renesas Technology Corp M16C/29 Datasheet HTML 329Page - Renesas Technology Corp M16C/29 Datasheet HTML 330Page - Renesas Technology Corp M16C/29 Datasheet HTML 331Page - Renesas Technology Corp M16C/29 Datasheet HTML 332Page - Renesas Technology Corp M16C/29 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 305
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 17.21 Correspondence of Mask Registers to Slots
Figure 17.22 Acceptance Function
When using the acceptance function, note the following points.
(1) When one ID is defined in two slots, the one with a smaller number alone is valid.
(2) When it is configured that slots 14 and 15 receive all IDs with Basic CAN mode, slots 14 and 15
receive all IDs which are not stored into slots 0 to 13.
17.4 Acceptance Filtering Function and Masking Function
These functions serve the users to select and receive a facultative message. The C0GMR register, the
C0LMAR register, and the C0LMBR register can perform masking to the standard ID and the extended ID
of 29 bits. The C0GMR register corresponds to slots 0 to 13, the C0LMAR register corresponds to slot 14,
and the C0LMBR register corresponds to slot 15. The masking function becomes valid to 11 bits or 29 bits
of a received ID according to the value in the corresponding slot of the C0IDR register upon acceptance
filtering operation. When the masking function is employed, it is possible to receive a certain range of IDs.
Figure 17.21
shows correspondence of the mask registers and slots, Figure 17.22 shows the acceptance
function.
Slot #0
Slot #1
Slot #2
Slot #3
Slot #4
Slot #5
Slot #6
Slot #7
Slot #8
Slot #9
Slot #10
Slot #11
Slot #12
Slot #14
Slot #15
C0GMR register
Slot #13
C0LMAR register
C0LMBR register
ID of the
received message
ID stored in
the slot
The value of the
mask register
Acceptance Signal
Mask Bit Values
Acceptance judge signal
0: The CAN module ignores the
current incoming message
(Not stored in any slot)
1: The CAN module stores the
current incoming message in
a slot of which ID matches
0: ID (to which the received message
corresponds) match is handled as
"Don't care"
1: ID (to which the received message
corresponds) match is checked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com