Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 322Page - Renesas Technology Corp M16C/29 Datasheet HTML 323Page - Renesas Technology Corp M16C/29 Datasheet HTML 324Page - Renesas Technology Corp M16C/29 Datasheet HTML 325Page - Renesas Technology Corp M16C/29 Datasheet HTML 326Page - Renesas Technology Corp M16C/29 Datasheet HTML 327Page - Renesas Technology Corp M16C/29 Datasheet HTML 328Page - Renesas Technology Corp M16C/29 Datasheet HTML 329Page - Renesas Technology Corp M16C/29 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 302
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.2.4 CAN Interface Sleep Mode
The CAN interface sleep mode is activated by setting the CCLK3 bit in the CCLKR register to 1. It should
never be activated but only via the CAN sleep mode.
Entering the CAN interface sleep mode instantly stops the clock supply to the CPU Interface in the mod-
ule and thereby reduces power dissipation.
17.2.5 Bus Off State
The bus off state is entered according to the fault confinement rules of the CAN specification. When
returning to the CAN operating mode from the bus off state, the module has the following two cases.
In this time, the value of any CAN registers, except registers C0STR, C0RECR, and C0TECR, does not
change.
(1) When 11 consecutive recessive bits are detected 128 times
The module enters instantly into error active state and the CAN communication becomes possible
immediately.
(2) When the RetBusOff bit in the C0CTLR register = 1 (Force return from buss off)
The module enters instantly into error active state, and the CAN communication becomes possible
again after 11 consecutive recessive bits are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com